Electronic Components Datasheet Search
  English  ▼

X  

AD7731 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7731 Datasheet HTML 23Page - Analog Devices AD7731 Datasheet HTML 24Page - Analog Devices AD7731 Datasheet HTML 25Page - Analog Devices AD7731 Datasheet HTML 26Page - Analog Devices AD7731 Datasheet HTML 27Page - Analog Devices AD7731 Datasheet HTML 28Page - Analog Devices AD7731 Datasheet HTML 29Page - Analog Devices AD7731 Datasheet HTML 30Page - Analog Devices AD7731 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD7731
–27–
REV. 0
Nonchop Mode (SKIP = 0, CHP = 0)
With CHOP mode disabled and SKIP mode disabled, the only
function of the second stage filter is to give the overall frequency
response. Figure 11 shows the frequency response for the AD7731
with the second stage filter is set for normal FIR operation, chop
mode disabled, the decimal equivalent of the word in the SF bits
set to 1536 and a master clock frequency of 4.9152 MHz. The
response is analogous to that of Figure 9 with the three-times
larger SF word producing the same 200 Hz output rate. Once
again, the response will scale proportionally with master clock
frequency. The response is shown from dc to 100 Hz. The re-
jection at 50 Hz
± 1 Hz and 60 Hz ± 1 Hz is better than 88 dB.
The –3 dB frequency for the frequency response of the AD7731
with the second stage filter set for normal FIR operation and
chop mode enabled is determined by the following relationship:
f
3 dB = 0. 039 × f MOD ×
1
SF
CHP
= 0
()
In this case, f3 dB = 7.8 Hz and the stop-band, where the attenu-
ation is greater than 64.5 dB, is determined by:
f
STOP = 0.14 × f MOD ×
1
SF
CHP
= 0
()
In this case, fSTOP = 28 Hz.
FREQUENCY – Hz
0
–60
–100
090
10
20
30
40
50
60
70
80
–10
–50
–70
–90
–30
–40
–80
–20
–120
–110
100
Figure 11. Detailed Full Frequency Response of AD7731
(SKIP = 0, CHP = 0, SF = 1536)
Figure 12 shows the frequency response for the same set of
conditions as for Figure 11 but in this case the response in shown
out to 600 Hz. This plot is comparable to that of Figure 10. The
most notable difference is absence of the peaks in the response
at 200 Hz and 400 Hz. As a result, interference at these fre-
quencies will be effectively eliminated before being aliased back
to dc.
Table XVIII summarizes the settling time and subsequent through-
put rate for the various different modes.
FREQUENCY – Hz
0
–60
–100
0
450
50
100 150 200 250 300 350 400
–10
–50
–70
–90
–30
–40
–80
–20
–120
–110
500 550
600
Figure 12. Expanded Full Frequency Response of AD7731
(SKIP = 0, CHP = 0, SF = 1536)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com