Electronic Components Datasheet Search
  English  ▼

X  

AD7851ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD7851ARS
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7851ARS Datasheet HTML 11Page - Analog Devices AD7851ARS Datasheet HTML 12Page - Analog Devices AD7851ARS Datasheet HTML 13Page - Analog Devices AD7851ARS Datasheet HTML 14Page - Analog Devices AD7851ARS Datasheet HTML 15Page - Analog Devices AD7851ARS Datasheet HTML 16Page - Analog Devices AD7851ARS Datasheet HTML 17Page - Analog Devices AD7851ARS Datasheet HTML 18Page - Analog Devices AD7851ARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
–15–
REV. A
AD7851
ANALOG INPUT
The equivalent circuit of the analog input section is shown in
Figure 11. During the acquisition interval the switches are
both in the track position and the AIN(+) charges the 20 pF
capacitor through the 125
Ω resistance. On the rising edge of
CONVST
switches SW1 and SW2 go into the hold position
retaining charge on the 20 pF capacitor as a sample of the signal
on AIN(+). The AIN(–) is connected to the 20 pF capacitor,
and this unbalances the voltage at node A at the input of the
comparator. The capacitor DAC adjusts during the remainder of
the conversion cycle to restore the voltage at node A to the cor-
rect value. This action transfers a charge, representing the analog
input signal, to the capacitor DAC which in turn forms a digital
representation of the analog input signal. The voltage on the
AIN(–) pin directly influences the charge transferred to the
capacitor DAC at the hold instant. If this voltage changes during
the conversion period, the DAC representation of the analog
input voltage will be altered. Therefore it is most important that
the voltage on the AIN(–) pin remains constant during the con-
version period. Furthermore, it is recommended that the AIN(–)
pin is always connected to AGND or to a fixed dc voltage.
CAPACITOR
DAC
COMPARATOR
HOLD
TRACK
SW2
NODE A
20pF
SW1
TRACK
HOLD
125
Ω
125
Ω
AIN(+)
AIN(–)
CREF2
Figure 11. Analog Input Equivalent Circuit
Acquisition Time
The track and hold amplifier enters its tracking mode on the fall-
ing edge of the BUSY signal. The time required for the track and
hold amplifier to acquire an input signal will depend on how
quickly the 20 pF input capacitance is charged. The acquisition
time is calculated using the formula:
tACQ = 9
× (R
IN + 125
Ω) × 20 pF
where RIN is the source impedance of the input signal, and
125
Ω, 20 pF is the input R, C.
DC/AC Applications
For dc applications high source impedances are acceptable, pro-
vided there is enough acquisition time between conversions to
charge the 20 pF capacitor. The acquisition time can be calcu-
lated from the above formula for different source impedances.
For example with RIN = 5 k
Ω, the required acquisition time will
be 922 ns.
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC low-
pass filter on the AIN(+) pin, as shown in Figure 13. In applica-
tions where harmonic distortion and signal to noise ratio are
critical, the analog input should be driven from a low impedance
source. Large source impedances will significantly affect the ac
performance of the ADC. This may necessitate the use of an in-
put buffer amplifier. The choice of the op amp will be a function
of the particular application.
When no amplifier is used to drive the analog input the source
impedance should be limited to low values. The maximum
source impedance will depend on the amount of total harmonic
distortion (THD) that can be tolerated. The THD will increase
as the source impedance increases and performance will degrade.
Figure 12 shows a graph of the total harmonic distortion vs.
analog input signal frequency for different source impedances.
With the setup as in Figure 13, the THD is at the –90 dB level.
With a source impedance of 1 k
Ω and no capacitor on the
AIN(+) pin, the THD increases with frequency.
INPUT FREQUENCY – kHz
–50
–60
–110
–100
–80
–90
–70
1
166
10
20
50
80
THD VS. FREQUENCY FOR DIFFERENT
SOURCE IMPEDANCES
RIN = 560Ω
RIN = 10Ω, 10nF
AS IN FIGURE 13
140
120
100
Figure 12. THD vs. Analog Input Frequency
In a single supply application (5 V), the V+ and V– of the op
amp can be taken directly from the supplies to the AD7851
which eliminates the need for extra external power supplies.
When operating with rail-to-rail inputs and outputs at frequen-
cies greater than 10 kHz, care must be taken in selecting the
particular op amp for the application. In particular, for single
supply applications the input amplifiers should be connected in
a gain of –1 arrangement to get the optimum performance. Fig-
ure 13 shows the arrangement for a single supply application
with a 10
Ω and 10 nF low-pass filter (cutoff frequency 320
kHz) on the AIN(+) pin. Note that the 10 nF is a capacitor with
good linearity to ensure good ac performance. Recommended
single supply op amp is the AD820.
IC1
+5V
10k
Ω
10k
Ω
10k
Ω
V+
V–
10k
Ω
10
Ω
AD820
VIN
–VREF/2 TO +VREF/2
VREF/2
10µF
0.1µF
10nF
(NPO)
TO AIN(+) OF
AD7851
Figure 13. Analog Input Buffering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com