Electronic Components Datasheet Search
  English  ▼

X  

AD7851ARS Datasheet(PDF) 20 Page - Analog Devices

Part # AD7851ARS
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851ARS Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7851ARS Datasheet HTML 16Page - Analog Devices AD7851ARS Datasheet HTML 17Page - Analog Devices AD7851ARS Datasheet HTML 18Page - Analog Devices AD7851ARS Datasheet HTML 19Page - Analog Devices AD7851ARS Datasheet HTML 20Page - Analog Devices AD7851ARS Datasheet HTML 21Page - Analog Devices AD7851ARS Datasheet HTML 22Page - Analog Devices AD7851ARS Datasheet HTML 23Page - Analog Devices AD7851ARS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD7851
–20–
REV. A
Table VII. Power Consumption vs. Throughput
Power
Throughput Rate
AD7851
1 kSPS
9 mW
2 kSPS
18 mW
THROUGHPUT RATE – Hz
100
10
0.01
0
2000
200
1
400
600
800 1000 1200 1400 1600 1800
0.1
Figure 26. Power vs. Throughput AD7851
NOTE
When setting the power-down mode by writing to the part, it is
recommended to be operating in an interface mode other than
Interface Modes 4, and 5. This way the user has more control to
initiate power-down, and power-up commands.
CALIBRATION SECTION
Calibration Overview
The automatic calibration that is performed on power-up en-
sures that the calibration options covered in this section will not
be required in a significant amount of applications. The user
will not have to initiate a calibration unless the operating condi-
tions change (CLKIN frequency, analog input mode, reference
voltage, temperature, and supply voltages). The AD7851 have a
number of calibration features that may be required in some ap-
plications and there are a number of advantages in performing
these different types of calibration. First, the internal errors in
the ADC can be reduced significantly to give superior dc perfor-
mance; and second, system offset and gain errors can be removed.
This allows the user to remove reference errors (whether it be
internal or external reference) and to make use of the full dy-
namic range of the AD7851 by adjusting the analog input range
of the part for a specific system.
There are two main calibration modes on the AD7851, self-cali-
bration and system calibration. There are various options in
both self-calibration and system calibration as outlined previ-
ously in Table III. All the calibration functions can be initiated
by pulsing the CAL pin or by writing to the control register and
setting the STCAL bit to 1. The timing diagrams that follow in-
volve using the CAL pin.
The duration of each of the different types of calibrations is
given in Table VIII for the AD7851 with a 6 MHz/7 MHz mas-
ter clock. These calibration times are master clock dependent.
Table VIII. Calibration Times (AD7851 with 6 MHz CLKIN)
Type of Self- or System Calibration
Time
Full
41.7 ms
Gain + Offset
9.26 ms
Offset
4.63 ms
Gain
4.63 ms
Automatic Calibration on Power-On
The CAL pin has a 0.15
µA pull-up current source connected to
it internally to allow for an automatic full self-calibration on
power-on. A full self-calibration will be initiated on power-on if
a 10 nF capacitor is connected from the CAL pin to AGND.
The internal current source connected to the CAL pin charges
up the external capacitor and the time required to charge the ex-
ternal capacitor will be 100 ms approximately. This time is large
enough to ensure that the internal reference is settled before the
calibration is performed. However, if an external reference is be-
ing used, this reference must have stabilized before the auto-
matic calibration is initiated (if larger time than 100 ms is
required then a larger capacitor on the CAL pin should be
used). After this 100 ms has elapsed, the calibration will be per-
formed which will take 42 ms/36 ms (6 MHz /7 MHz CLKIN).
Therefore 142 ms/136 ms should be allowed before operating
the part. After calibration, the part is accurate to the 14-bit level
and the specifications quoted on the data sheet apply. There will
be no need to perform another calibration unless the operating
conditions change or unless a system calibration is required.
Self-Calibration Description
There are a four different calibration options within the self-
calibration mode. There is a full self-calibration where the
DAC, internal offset, and internal gain errors are calibrated out.
Then, there is the (Gain + Offset) self-calibration which cali-
brates out the internal gain error and then the internal offset er-
rors. The internal DAC is not calibrated here. Finally, there are
the self-offset and self-gain calibrations which calibrate out the
internal offset errors and the internal gain errors respectively.
The internal capacitor DAC is calibrated by trimming each of
the capacitors in the DAC. It is the ratio of these capacitors to
each other that is critical, and so the calibration algorithm en-
sures that this ratio is at a specific value by the end of the cali-
bration routine. For the offset and gain there are two separate
capacitors, one of which is trimmed when an offset or gain cali-
bration is performed. Again it is the ratio of these capacitors to
the capacitors in the DAC that is critical and the calibration al-
gorithm ensures that this ratio is at a specified value for both the
offset and gain calibrations.
In bipolar mode the midscale error is adjusted for an offset
calibration and the positive full-scale error is adjusted for the
gain calibration; in unipolar mode the zero-scale error is ad-
justed for an offset calibration and the positive full-scale error is
adjusted for a gain calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com