Electronic Components Datasheet Search
  English  ▼

X  

AD7851ARS Datasheet(PDF) 16 Page - Analog Devices

Part # AD7851ARS
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851ARS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7851ARS Datasheet HTML 12Page - Analog Devices AD7851ARS Datasheet HTML 13Page - Analog Devices AD7851ARS Datasheet HTML 14Page - Analog Devices AD7851ARS Datasheet HTML 15Page - Analog Devices AD7851ARS Datasheet HTML 16Page - Analog Devices AD7851ARS Datasheet HTML 17Page - Analog Devices AD7851ARS Datasheet HTML 18Page - Analog Devices AD7851ARS Datasheet HTML 19Page - Analog Devices AD7851ARS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD7851
–16–
REV. A
4.096 V/16384 = 0.25 mV when VREF = 4.096 V. The ideal in-
put/output transfer characteristic for the unipolar range is shown
in Figure 16.
+FS –1LSB
OUTPUT
CODE
0V
111...111
111...110
111...101
111...100
000...011
000...001
000...000
000...010
VIN = (AIN(+) – AIN(–)), INPUT VOLTAGE
1LSB
1LSB =
FS
16384
Figure 16. AD7851 Unipolar Transfer Characteristic
Figure 15 shows the AD7851’s
±V
REF/2 bipolar analog input
configuration (where AIN(+) cannot go below 0 V so for the full
bipolar range then the AIN(–) pin should be biased to +VREF/2).
Once again the designed code transitions occur midway between
successive integer LSB values. The output coding is 2s comple-
ment with 1 LSB = 16384 = 4.096 V/16384 = 0.25 mV. The
ideal input/output transfer characteristic is shown in
Figure 17.
– 1 LSB
FS = VREFV
1LSB =
FS
16384
OUTPUT
CODE
VREF/2
011...111
011...110
000...001
000...000
100...001
100...000
100...010
VIN = (AIN(+) – AIN(–)), INPUT VOLTAGE
0V
+ FS
111...111
(VREF/2) –1 LSB
(VREF/2) +1 LSB
Figure 17. AD7851 Bipolar Transfer Characteristic
Input Ranges
The analog input range for the AD7851 is 0 V to VREF in both
the unipolar and bipolar ranges.
The only difference between the unipolar range and the bipolar
range is that in the bipolar range the AIN(–) has to be biased up
to +VREF/2 and the output coding is 2s complement (See Table
V and Figures 14 and 15). The unipolar or bipolar mode is se-
lected by the AMODE pin (0 for the unipolar range and 1 for
the bipolar range).
Table V. Analog Input Connections
Analog Input
Input Connections Connection
Range
AIN(+)
AIN(–)
Diagram
AMODE
0 V to VREF
1
VIN
AGND
Figure 8
DGND
±V
REF/2
2
VIN
VREF/2
Figure 9
DVDD
NOTES
1Output code format is straight binary.
2Range is
±V
REF/2 biased about VREF/2. Output code format is 2s complement.
Note that the AIN(–) pin on the AD7851 can be biased up
above AGND in the unipolar mode also, if required. The ad-
vantage of biasing the lower end of the analog input range away
from AGND is that the user does not have to have the analog
input swing all the way down to AGND. This has the advantage
in true single supply applications that the input amplifier does
not have to swing all the way down to AGND. The upper end of
the analog input range is shifted up by the same amount. Care
must be taken so that the bias applied does not shift the upper
end of the analog input above the AVDD supply. In the case
where the reference is the supply, AVDD, the AIN(–) must be
tied to AGND in unipolar mode.
AIN(+)
AIN(–)
AMODE
AD7851
UNIPOLAR
ANALOG
INPUT RANGE
SELECTED
DOUT
STRAIGHT
BINARY
FORMAT
VIN = 0 TO VREF
TRACK AND HOLD
AMPLIFIER
Figure 14. 0 V to VREF Unipolar Input Configuration
Transfer Functions
For the unipolar range the designed code transitions occur mid-
way between successive integer LSB values (i.e., 1/2 LSB,
3/2 LSBs, 5/2 LSBs . . . FS –3/2 LSBs). The output coding is
straight binary for the unipolar range with 1 LSB = FS/16384 =
2S
COMPLEMENT
FORMAT
VREF/2
DVDD
AIN(+)
AIN(–)
AMODE
AD7851
UNIPOLAR
ANALOG
INPUT RANGE
SELECTED
DOUT
VIN = 0 TO VREF
TRACK AND HOLD
AMPLIFIER
Figure 15.
±V
REF/2 about VREF/2 Bipolar Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com