Electronic Components Datasheet Search
  English  ▼

X  

AD7851ARS Datasheet(PDF) 30 Page - Analog Devices

Part # AD7851ARS
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851ARS Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7851ARS Datasheet HTML 26Page - Analog Devices AD7851ARS Datasheet HTML 27Page - Analog Devices AD7851ARS Datasheet HTML 28Page - Analog Devices AD7851ARS Datasheet HTML 29Page - Analog Devices AD7851ARS Datasheet HTML 30Page - Analog Devices AD7851ARS Datasheet HTML 31Page - Analog Devices AD7851ARS Datasheet HTML 32Page - Analog Devices AD7851ARS Datasheet HTML 33Page - Analog Devices AD7851ARS Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD7851
–30–
REV. A
(8XC51/L51)
/PIC17C42
P3.0/DT
P3.1/CK
AD7851
CONVST
CLKIN
SCLK
DIN
SYNC
SM1
SM2
POLARITY
OPTIONAL
7MHz/6MHz
BUSY
(
INT0/P3.2)/INT
DVDD FOR 8XC51/L51
DGND FOR PIC17C42
MASTER
SLAVE
OPTIONAL
Figure 45. 8XC51/PIC16C42 Interface
AD7851 to 68HC11/16/L11 / PIC16C42 Interface
Figure 46 shows the AD7851 SPI/QSPI interface to the
68HC11/16/L11/PIC16C42. The SYNC line is not used and is
tied to DGND. The
µController is configured as the master, by
setting the MSTR bit in the SPCR to 1, and thus provides the
serial clock on the SCK pin. For all the
µControllers, the CPOL
bit is set to 1 and for the 68HC11/16/L11, the CPHA bit is set
to 1. The CLKIN and CONVST signals can be supplied from
the
µController or from separate sources. The BUSY signal can
be used as an interrupt to tell the
µController when the conver-
sion is finished, then the reading and writing can take place. If
required the reading and writing can take place during conver-
sion and there will be no need for the BUSY signal in this case.
For no writing to the part then the DIN pin can be tied perma-
nently low. For the 68HC16 and the QSPI interface the SM2
pin should be tied high and the SS line tied to the SYNC pin.
The microsequencer on the 68HC16 QSPI port can be used for
performing a number of read and write operations independent
of the CPU and storing the conversion results in memory with-
out taxing the CPU. The typical sequence of events would be
writing to the control register via the DIN line setting a conver-
sion start and at the same time reading data from the previous
conversion on the DOUT line, wait for the conversion to be
finished (3.25
µs with 6 MHz CLKIN), and then repeat the
sequence. The maximum serial frequency will be determined by
the data access and hold times of the
µControllers and the
AD7851.
68HC11/L11/16
SCK
SS
AD7851
CONVST
CLKIN
SCLK
DOUT
BUSY
SM1
SM2
POLARITY
OPTIONAL
7MHz/6MHz
SYNC
MISO
DIN AT DGND FOR
NO WRITING TO PART
MASTER
SLAVE
DIN
DVDD
OPTIONAL
IRQ
MOSI
DVDDFOR HC11, SPI
DGND FOR HC16, QSPI
DVDD
SPI
HC16, QSPI
Figure 46. 68HC11 and 68HC16 Interface
MICROPROCESSOR INTERFACING
In many applications, the user may not require the facility of
writing to the on-chip registers. The user may just want to
hardwire the relevant pins to the appropriate levels and read the
conversion result. In this case the DIN pin can be tied low so
that the on-chip registers are never used. Now the part will op-
erate as a nonprogrammable analog to digital converter where
the CONVST is applied, a conversion is performed and the re-
sult may be read using the SCLK to clock out the data from the
output register on to the DOUT pin. Note that the DIN pin
cannot be tied low when using the two-wire interface mode of
operation.
The SCLK can also be connected to the CLKIN pin if the user
does not want to have to provide separate serial and master
clocks in Interface Modes 1, 2, and 3. With this arrangement
the SYNC signal must be low for 16 SCLK cycles in Interface
Modes 1 and 2 for the read and write operations. For Interface
Mode 3 the SYNC can be low for more than 16 SCLK cycles
for the read and write operations. Note that in Interface Modes
4 and 5 the CLKIN and SCLK cannot be tied together as the
SCLK is an output and the CLKIN is an input.
DIN
DOUT
SYNC
CONVST
CLKIN
SCLK
AD7851
7 MHz/6MHz
MASTER CLOCK
SYNC SIGNAL
TO GATE
THE SCLK
SERIAL DATA
OUTPUT
CONVERSION
START
Figure 44. Simplified Interface Diagram with DIN
Grounded and SCLK Tied to CLKIN
AD7851 to 8XC51/PIC17C42 Interface
Figure 45 shows the AD7851 interface to the 8XC51/PIC17C42.
The 8XC51/PIC17C42 only run at 5 V. The 8XC51 is in Mode
0 operation. This is a two-wire interface consisting of the SCLK
and the DIN which acts as a bidirectional line. The SYNC is
tied low. The BUSY line can be used to give an interrupt driven
system but this would not normally be the case with the 8XC51/
PIC17C42. For the 8XC51 12 MHz version, the serial clock
will run at a maximum of 1 MHz so that the serial interface to
the AD7851 will only be running at 1 MHz. The CLKIN signal
must be provided separately to the AD7851 from a port line on
the 8XC51 or from a source other than the 8XC51. Here the
SCLK cannot be tied to the CLKIN as the 8XC51 only pro-
vides a noncontinuous serial clock. The CONVST signal can be
provided from an external timer or conversion can be started in
software if required. The sequence of events would typically be
writing to the control register via the DIN line setting a conver-
sion start and the 2-wire interface mode (this would be per-
formed in two 8-bit writes), wait for the conversion to be
finished (3.25
µs with 6 MHz CLKIN), read the conversion re-
sult data on the DIN line (this would be performed in two 8-bit
reads), and then repeat the sequence. The maximum serial fre-
quency will be determined by the data access and hold times of
the 8XC51/PIC16C42 and the AD7851.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com