Electronic Components Datasheet Search
  English  ▼

X  

AD7851ARS Datasheet(PDF) 28 Page - Analog Devices

Part # AD7851ARS
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851ARS Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7851ARS Datasheet HTML 24Page - Analog Devices AD7851ARS Datasheet HTML 25Page - Analog Devices AD7851ARS Datasheet HTML 26Page - Analog Devices AD7851ARS Datasheet HTML 27Page - Analog Devices AD7851ARS Datasheet HTML 28Page - Analog Devices AD7851ARS Datasheet HTML 29Page - Analog Devices AD7851ARS Datasheet HTML 30Page - Analog Devices AD7851ARS Datasheet HTML 31Page - Analog Devices AD7851ARS Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD7851
–28–
REV. A
SERIAL
INTERFACE
MODE
?
NO
YES
TRANSFER
DATA
DURING
CONVERSION
?
APPLY
SYNC (IF REQUIRED), SCLK, READ
CURRENT CONVERSION RESULT ON DOUT PIN,
AND WRITE ALL 0s ON DIN PIN
WAIT FOR BUSY SIGNAL TO GO LOW
OR WAIT FOR BUSY BIT = 0
APPLY
SYNC (IF REQUIRED), SCLK, WRITE TO CONTROL
REGISTER SETTING CONVST BIT TO 1, READ CURRENT
CONVERSION RESULT ON DOUT PIN
2, 3
INITIATE
CONVERSION
IN
SOFTWARE
?
WAIT APPROXIMATELY 200ns
AFTER
CONVST RISING EDGE
APPLY
SYNC (IF REQUIRED),
SCLK, READ PREVIOUS CONVERSION
RESULT ON DOUT PIN,
AND WRITE ALL 0s ON DIN PIN
NO
YES
TRANSFER
DATA DURING
CONVERSION
APPLY
SYNC (IF REQUIRED), SCLK, WRITE TO CONTROL
REGISTER SETTING CONVST BIT TO 1, READ PREVIOUS
CONVERSION RESULT ON DOUT PIN (SEE NOTE)
YES
NO
NOTE:
WHEN USING THE SOFTWARE CONVERSION START AND TRANSFERRING
DATA DURING CONVERSION THE USER MUST ENSURE THE CONTROL
REGISTER WRITE OPERATION EXTENDS BEYOND THE FALLING EDGE OF
BUSY. THE FALLING EDGE OF BUSY RESETS THE CONVST BIT TO 0 AND
ONLY AFTER THIS TIME CAN IT BE REPROGRAMMED TO 1 TO START THE
NEXT CONVERSION.
START
POWER-ON, APPLY CLKIN SIGNAL,
WAIT 150ms FOR AUTOMATIC CALIBRATION
PULSE
CONVST PIN
WAIT FOR BUSY SIGNAL TO GO
LOW OR WAIT FOR BUSY BIT = 0
Figure 41. Flowchart for Setting Up, Reading, and Writing in Interface Modes 2 and 3
Writing to the AD7851
For accessing the on-chip registers it is necessary to write to the
part. To enable Serial Interface Mode 1, the user must also write
to the part. Figure 41 through 43 outline flowcharts of how to
configure the AD7851 for each of the different serial interface
modes. The continuous loops on all diagrams indicate the se-
quence for more than one conversion. The options of using a
hardware (pulsing the CONVST pin) or software (setting the
CONVST bit to 1) conversion start, and reading/writing during
or after conversion are shown in Figures 41 and 42. If the
CONVST
pin is never used then it should be tied to DVDD per-
manently. Where reference is made to the BUSY bit equal to a
logic 0, to indicate the end of conversion, the user in this case
would poll the BUSY bit in the status register.
Interface Modes 2 and 3 Configuration
Figure 41 shows the flowchart for configuring the part in Inter-
face Modes 2 and 3. For these interface modes, the read and
write operations take place simultaneously via the serial port.
Writing all 0s ensures that no valid data is written to any of the
registers. When using the software conversion start and transfer-
ring data during conversion, Note must be obeyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com