Electronic Components Datasheet Search
  English  ▼

X  

AD7851ARS Datasheet(PDF) 24 Page - Analog Devices

Part # AD7851ARS
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851ARS Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7851ARS Datasheet HTML 20Page - Analog Devices AD7851ARS Datasheet HTML 21Page - Analog Devices AD7851ARS Datasheet HTML 22Page - Analog Devices AD7851ARS Datasheet HTML 23Page - Analog Devices AD7851ARS Datasheet HTML 24Page - Analog Devices AD7851ARS Datasheet HTML 25Page - Analog Devices AD7851ARS Datasheet HTML 26Page - Analog Devices AD7851ARS Datasheet HTML 27Page - Analog Devices AD7851ARS Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD7851
–24–
REV. A
DB15
DB0
DB0
DB15
t
3
DIN (I/O)
t
3
t
11
t
6
116
16
1
t
5A
t
12
DIN BECOMES AN INPUT
3-STATE
t
6
t
11
DIN BECOMES AN OUTPUT
t
3 = –0.4 tSCLK MIN (NONCONTINUOUS SCLK) –/+0.4 tSCLK MIN/MAX (CONTINUOUS SCLK),
t
6 = 45 MAX, t7 = 30ns MIN, t8 = 20 MIN
POLARITY PIN
LOGIC HIGH
SYNC (I/P)
SCLK (I/P)
t
8
t
14
t
7
DATA WRITE
DATA READ
Figure 33. Timing Diagram for Read/Write Operation with DIN as an Input/Output (i.e., Interface Mode 1, SM1 = SM2 = 0)
DB15
DB0
DB0
DB15
DIN (I/O)
t
6 = 45 MAX, t7 = 30ns MIN, t8 = 20 MIN,
t
13 = 90 MAX, t14 = 50ns MAX
6
116
16
1
t
13
t
6
DIN BECOMES AN INPUT
t
6
POLARITY PIN
LOGIC HIGH
SCLK (I/P)
t
8
t
14
t
7
DATA WRITE
DATA READ
Figure 34. Timing Diagram for Read/Write Operation with DIN as an Input/Output and SYNC Input Tied Low
(i.e., Interface Mode 1, SM1 = SM2 = 0)
DETAILED TIMING SECTION
MODE 1 (2-Wire 8051 Interface)
The read and writing takes place on the DIN line and the con-
version is initiated by pulsing the CONVST pin (note that in
every write cycle the 2/3 MODE bit must be set to 1). The con-
version may be started by setting the CONVST bit in the con-
trol register to 1 instead of using the CONVST line.
Below in Figure 33 and in Figure 34 are the timing diagrams for
Interface Mode 1 in Table XI where we are in the 2-wire inter-
face mode. Here the DIN pin is used for both input and output
as shown. The SYNC input is level triggered active low and can
be pulsed (Figure 33) or can be constantly low (Figure 34).
In Figure 33 the part samples the input data on the rising edge
of SCLK. After the 16th rising edge of SCLK the DIN is con-
figured as an output. When the SYNC is taken high the DIN is
3-stated. Taking SYNC low disables the 3-state on the DIN pin
and the first SCLK falling edge clocks out the first data bit.
Once the 16 clocks have been provided the DIN pin will auto-
matically revert back to an input after a time t14. Note that a
continuous SCLK shown by the dotted waveform in Figure 33
can be used provided that the SYNC is low for only 16 clock
pulses in each of the read and write cycles. The POLARITY pin
may be used to change the SCLK edge which the data is
sampled on and clocked out on.
In Figure 34 the SYNC line is tied low permanently and this re-
sults in a different timing arrangement. With SYNC tied low
permanently the DIN pin will never be 3-stated. The 16th rising
edge of SCLK configures the DIN pin as an input or an output
as shown in the diagram. Here no more than 16 SCLK pulses
must occur for each of the read and write operations.
If reading from and writing to the calibration registers in this in-
terface mode, all the selected calibration registers must be read
from or written to. The read and write operations cannot be
aborted. When reading from the calibration registers, the DIN
pin will remain as an output for the full duration of all the cali-
bration register read operations. When writing to the calibration
registers, the DIN pin will remain as an input for the full dura-
tion of all the calibration register write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com