Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8150 Datasheet HTML 3Page - Analog Devices AD8150 Datasheet HTML 4Page - Analog Devices AD8150 Datasheet HTML 5Page - Analog Devices AD8150 Datasheet HTML 6Page - Analog Devices AD8150 Datasheet HTML 7Page - Analog Devices AD8150 Datasheet HTML 8Page - Analog Devices AD8150 Datasheet HTML 9Page - Analog Devices AD8150 Datasheet HTML 10Page - Analog Devices AD8150 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AD8150
–7–
REV. 0
Pin No.
Signal
Type
Description
124
IN08P
PECL
High-Speed Input
125
IN08N
PECL
High-Speed Input Complement
127
IN09P
PECL
High-Speed Input
128
IN09N
PECL
High-Speed Input Complement
130
IN10P
PECL
High-Speed Input
131
IN10N
PECL
High-Speed Input Complement
133
IN11P
PECL
High-Speed Input
134
IN11N
PECL
High-Speed Input Complement
136
IN12P
PECL
High-Speed Input
137
IN12N
PECL
High-Speed Input Complement
140
IN13P
PECL
High-Speed Input
141
IN13N
PECL
High-Speed Input Complement
143
IN14P
PECL
High-Speed Input
144
IN14N
PECL
High-Speed Input Complement
146
IN15P
PECL
High-Speed Input
147
IN15N
PECL
High-Speed Input Complement
150
VEEREF
R-Program
Connection Point for Output Logic Pull-Down
Programming Resistor (Must be Connected to VEE)
151
REF
R-Program
Connection Point for Output Logic Pull-Down
Programming Resistor
152
VSS
Power Supply
Most Negative Control Logic Supply
153
D6
TTL
Enable/
Disable Output
154
D5
TTL
(32) MSB Input Select
155
D4
TTL
(16)
156
D3
TTL
(8)
157
D2
TTL
(4)
158
D1
TTL
(2)
159
D0
TTL
(1) LSB Input Select
160
A4
TTL
(16) MSB Output Select
161
A3
TTL
(8)
162
A2
TTL
(4)
163
A1
TTL
(2)
164
A0
TTL
(1) LSB Output Select
165
UPDATE
TTL
Second Rank Program
166
WE
TTL
First Rank Program
167
RE
TTL
Enable Readback
168
CS
TTL
Enable Chip to Accept Programming
169
RESET
TTL
Disable All Outputs (Hi-Z)
170
VDD
Power Supply
Most Positive Control Logic Supply
173
IN16P
PECL
High-Speed Input
174
IN16N
PECL
High-Speed Input Complement
176
IN17P
PECL
High-Speed Input
177
IN17N
PECL
High-Speed Input Complement
179
IN18P
PECL
High-Speed Input
180
IN18N
PECL
High-Speed Input Complement
182
IN19P
PECL
High-Speed Input
183
IN19N
PECL
High-Speed Input Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com