Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8150 Datasheet HTML 4Page - Analog Devices AD8150 Datasheet HTML 5Page - Analog Devices AD8150 Datasheet HTML 6Page - Analog Devices AD8150 Datasheet HTML 7Page - Analog Devices AD8150 Datasheet HTML 8Page - Analog Devices AD8150 Datasheet HTML 9Page - Analog Devices AD8150 Datasheet HTML 10Page - Analog Devices AD8150 Datasheet HTML 11Page - Analog Devices AD8150 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
AD8150
–8–
REV. 0
–Typical Performance Characteristics
VOH – Volts
0
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
20
40
60
80
100
VEE = –3.3V (VOH – VOL = 800mV)
PK-PK
RMS
Figure 3. Jitter vs. VOH 1.5 Gbps, PRBS 23
VIH – Volts
0
–2.0
–1.5
–1.0
–0.5
0.0
0.5
20
40
60
80
100
VEE = –3.3V (VIH – VIL = 800mV)
PK-PK
RMS
Figure 4. Jitter vs. VIH 1.5 Gbps, PRBS 23
0.3
DATA RATE – Gbps
0
0.1
0.5
0.7
0.9
1.1
1.3
1.5
20
40
60
80
100
VEE = –3.3V
PK-PK
RMS
Figure 5. Jitter vs. Data Rate, PRBS 23
VOH – Volts
0
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
20
40
60
80
100
VEE = –5V (VOH – VOL = 800mV)
PK-PK
RMS
Figure 6. Jitter vs. VOH 1.5 Gbps, PRBS 23
VIH – Volts
0
–2.0
–1.5
–1.0
–0.5
0.0
0.5
20
40
60
80
100
VEE = –5V (VIH – VIL = 800mV)
PK-PK
RMS
Figure 7. Jitter vs. VIH 1.5 Gbps, PRBS 23
0.3
DATA RATE – Gbps
0
0.1
0.5
0.7
0.9
1.1
1.3
1.5
20
40
60
80
100
VEE = –5V
PK-PK
RMS
Figure 8. Jitter vs. Data Rate, PRBS 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com