Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8150 Datasheet HTML 8Page - Analog Devices AD8150 Datasheet HTML 9Page - Analog Devices AD8150 Datasheet HTML 10Page - Analog Devices AD8150 Datasheet HTML 11Page - Analog Devices AD8150 Datasheet HTML 12Page - Analog Devices AD8150 Datasheet HTML 13Page - Analog Devices AD8150 Datasheet HTML 14Page - Analog Devices AD8150 Datasheet HTML 15Page - Analog Devices AD8150 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
AD8150
–12–
REV. 0
Control Interface Truth Tables
The following are truth tables for the control interface.
Table I. Basic Control Functions
Control Pins
Reset
CS
WE
RE
Update
Function
0
XXXX
Global Reset. Reset all second rank enable bits to zero (disable all outputs).
1
1
X
X
X
Control Disable. Ignore all logic (but the signal matrix still functions as
programmed). D[6:0] are high-impedance.
1
0
0
X
X
Single Output Preprogram. Write input configuration data from data bus D[6:0].
into first rank of latches for the output selected by the output address bus A[4:0].
1
0
X
0
X
Single Output Readback. Readback input configuration data from second rank of latches
onto data bus D[6:0] for the single output selected by the output address bus A[4:0].
1
0
X
X
0
Global Update. Copy input configuration data from all 17 first rank latches into second
rank of latches, updating signal matrix connections for all outputs.
1
0010
Transparent Write and Update. It is possible to write data directly onto rank two. This
simplifies logic when synchronous signal matrix updating is not necessary.
Table II. Address/Data Examples
Output Address Pins
Enable
Input Address Pins
MSB–LSB
Bit
MSB-LSB
A4
A3
A2
A1
A0
D6/E
D5
D4
D3
D2
D1
D0
Function
00000X
000000Lower Address/Data Range. Connect Output #00
(A[4:0] = 00000) to Input #00 (D[5:0] = 000000).
10000X
100000Upper Address/Data Range. Connect Output #16
(A[4:0] = 10000) to Input #32 (D[5:0] = 100000).
<Binary Output Number
*>
1
<Binary Input Number>
Enable Output. Connect Selected Output (A[4:0] = 0
to 16) to Designated Input (D[5:0] = 0 to 32) and
Enable Output (D6 = 1).
<Binary Output Number
*>
0
XXXXXXDisable Output. Disable Specified Output (D6 = 0).
10001X
<Binary Input Number>
Broadcast Connection. Connect all 17 outputs to
same designated input and set all 17 enable bits to
the value of D6. Readback is not possible with the
broadcast address.
10010X
100001Reserved. Any address or data code greater or equal
to these are reserved for future expansion or factory
testing.
*The binary output number may also be the broadcast connection designator, 10001X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com