Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8150 Datasheet HTML 7Page - Analog Devices AD8150 Datasheet HTML 8Page - Analog Devices AD8150 Datasheet HTML 9Page - Analog Devices AD8150 Datasheet HTML 10Page - Analog Devices AD8150 Datasheet HTML 11Page - Analog Devices AD8150 Datasheet HTML 12Page - Analog Devices AD8150 Datasheet HTML 13Page - Analog Devices AD8150 Datasheet HTML 14Page - Analog Devices AD8150 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AD8150
–11–
REV. 0
+500mV
–500mV
200ps/DIV
Figure 21. Eye Pattern, VEE = –3.3 V, 1.5 Gbps PRBS 23
VCC
HP8133A
PRBS
GENERATOR
AD8150
TEKTRONIX
11801B
SD22
SAMPLING
HEAD
50
50
RL = 50
VCC
VTT
VTT
VEE
VEE
1.65k
105
1.65k
IN
OUT
p
n
p
n
VCC = 0V, VEE = –3.3V OR –5V, VTT = –1.6V
RSET = 1.54k , IOUT = 16mA, VOH = –0.8V, VOL = –1.8V
INTRINSIC JITTER OF HP8133A AND TEKTRONIX 11801B = 3ps RMS, 17ps PK-PK
RL = 50
Figure 22. Eye Pattern Test Circuit
+500mV
–500mV
100ps/DIV
Figure 23. Eye Pattern, VEE = –5 V, 1.5 Gbps PRBS 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com