Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8150 Datasheet HTML 5Page - Analog Devices AD8150 Datasheet HTML 6Page - Analog Devices AD8150 Datasheet HTML 7Page - Analog Devices AD8150 Datasheet HTML 8Page - Analog Devices AD8150 Datasheet HTML 9Page - Analog Devices AD8150 Datasheet HTML 10Page - Analog Devices AD8150 Datasheet HTML 11Page - Analog Devices AD8150 Datasheet HTML 12Page - Analog Devices AD8150 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AD8150
–9–
REV. 0
IOUT – mA
0
0
5
10
152025
20
40
60
80
100
PK-PK
RMS
VEE = –3.3V
Figure 9. Jitter vs. IOUT 1.5 Gbps, PRBS 23
TEMPERATURE – C
0
–25
0
50
75
100
125
20
40
60
80
100
PK-PK
RMS
VEE = –3.3V
25
Figure 10. Jitter vs. Temperature 1.5 Gbps, PRBS 23
DATA RATE – Mbps
0
0
1000
1500
20
40
60
80
100
VEE = –3.3V
500
TIME DOMAIN
VOLTAGE (INNER EYE)
223–1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA
ERROR-FREE PERCENTAGE VALUE WAS COMPUTED
USING THE FOLLOWING FORMULA:
(DATA_PERIOD – PPJITTER)
100 / DATA_PERIOD
TIME DOMAIN
VINNER
100 / VINNER @500Mbps
VOLTAGE (INNER EYE)
Figure 11. AC Performance
IOUT – mA
0
0
5
10
152025
20
40
60
80
100
PK-PK
RMS
VEE = –5V
Figure 12. Jitter vs. IOUT 1.5 Gbps, PRBS 23
TEMPERATURE – C
0
–25
0
50
75
100
125
20
40
60
80
100
PK-PK
RMS
VEE = –5V
25
Figure 13. Jitter vs. Temperature 1.5 Gbps, PRBS 23
DATA RATE – Mbps
0
0
1000
1500
20
40
60
80
100
VEE = –5V
500
TIME DOMAIN
VOLTAGE (INNER EYE)
223–1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA
ERROR-FREE PERCENTAGE VALUE WAS COMPUTED
USING THE FOLLOWING FORMULA:
(DATA_PERIOD – PPJITTER)
100 / DATA_PERIOD
TIME DOMAIN
VINNER
100 / VINNER @500Mbps
VOLTAGE (INNER EYE)
Figure 14. AC Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com