Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 1 Page - Analog Devices

  AD8150 Datasheet HTML 1Page - Analog Devices AD8150 Datasheet HTML 2Page - Analog Devices AD8150 Datasheet HTML 3Page - Analog Devices AD8150 Datasheet HTML 4Page - Analog Devices AD8150 Datasheet HTML 5Page - Analog Devices AD8150 Datasheet HTML 6Page - Analog Devices AD8150 Datasheet HTML 7Page - Analog Devices AD8150 Datasheet HTML 8Page - Analog Devices AD8150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8150*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
FUNCTIONAL BLOCK DIAGRAM
CS
RE
D
A
WE
UPDATE
RESET
SECOND
RANK
17 7-BIT
LATCH
33 17
DIFFERENTIAL
SWITCH
MATRIX
17 OUTP
OUTN
7
5
33
33
INP
INN
AD8150
17
FIRST
RANK
17 7-BIT
LATCH
FEATURES
Low Cost
33
17, Fully Differential, Nonblocking Array
>1.5 Gbps per Port NRZ Data Rate
Wide Power Supply Range: +5 V, +3.3 V, –3.3 V, –5 V
Low Power
400 mA (Outputs Enabled)
30 mA (Outputs Disabled)
PECL and ECL Compatible
CMOS/TTL-Level Control Inputs: 3 V to 5 V
Low Jitter: <50 ps p-p
No Heat Sinks Required
Drives a Backplane Directly
Programmable Output Current
Optimize Termination Impedance
User-Controlled Voltage at the Load
Minimize Power Dissipation
Individual Output Disable for Busing and Building
Larger Arrays
Double Row Latch
Buffered Inputs
Available in 184-Lead LQFP
APPLICATIONS
HD and SD Digital Video
Fiber Optic Network Switching
33
17, 1.5 Gbps
Digital Crosspoint Switch
*Patent Pending.
X
stream is a trademark of Analog Devices, Inc.
PRODUCT DESCRIPTION
AD8150 is a member of the X
stream line of products and is
a breakthrough in digital switching, offering a large switch array
(33
× 17) on very little power, typically less than 1.5 W. Addi-
tionally, it operates at data rates in excess of 1.5 Gbps per port,
making it suitable for HDTV applications. Further, the pric-
ing of the AD8150 makes it affordable enough to be used for
SD applications as well. The AD8150 is also useful for OC-24
optical network switching.
The AD8150’s flexible supply voltages allow the user to operate
with either PECL or ECL data levels and will operate down to
3.3 V for further power reduction. The control interface is CMOS/
TTL compatible (3 V to 5 V).
Its fully differential signal path reduces jitter and crosstalk while
allowing the use of smaller single-ended voltage swings.
The AD8150 is offered in a 184-lead LQFP package that operates
over the industrial temperature range of 0
°C to 85°C.
500mV
100mV
/DIV
–500mV
100ps/DIV
Figure 1. Output Eye Pattern, 1.5 Gbps
streamª


Similar Part No. - AD8150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
More results

Similar Description - AD8150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8151 AD-AD8151 Datasheet
5Mb / 36P
33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV.0
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
1.5 Gbps 4X4 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com