Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 35 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD8150 Datasheet HTML 27Page - Analog Devices AD8150 Datasheet HTML 28Page - Analog Devices AD8150 Datasheet HTML 29Page - Analog Devices AD8150 Datasheet HTML 30Page - Analog Devices AD8150 Datasheet HTML 31Page - Analog Devices AD8150 Datasheet HTML 32Page - Analog Devices AD8150 Datasheet HTML 33Page - Analog Devices AD8150 Datasheet HTML 34Page - Analog Devices AD8150 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
AD8150
–35–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
184-Lead Plastic LQFP
(ST-184)
139
138
47
46
92
93
186
PIN 1
TOP VIEW
(PINS DOWN)
1
0.016 (0.40)
BSC
0.009 (0.23)
0.007 (0.18)
0.005 (0.13)
0.787 (20.00) BSC SQ
0.866 (22.00) BSC SQ
SEATING
PLANE
0.003 (0.08)
0.006 (0.15)
0.002 (0.05)
0.063 (1.60)
MAX
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
0.057 (1.45)
0.053 (1.40)
0.048 (1.35)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com