Electronic Components Datasheet Search
  English  ▼

X  

AD8150 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8150 Datasheet HTML 10Page - Analog Devices AD8150 Datasheet HTML 11Page - Analog Devices AD8150 Datasheet HTML 12Page - Analog Devices AD8150 Datasheet HTML 13Page - Analog Devices AD8150 Datasheet HTML 14Page - Analog Devices AD8150 Datasheet HTML 15Page - Analog Devices AD8150 Datasheet HTML 16Page - Analog Devices AD8150 Datasheet HTML 17Page - Analog Devices AD8150 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
AD8150
–14–
REV. 0
CS INPUT
UPDATE INPUT
ENABLING
OUT[0:16][N:P]
OUTPUTS
DISABLING
OUT[0:16][N:P]
OUTPUTS
WE INPUT
tCSU
tUOT
tUOE
tWOT
tWHU
INPUT {DATA 1}
INPUT {DATA 1}
INPUT {DATA 2}
INPUT {DATA 0}
tCHU
tUW
tWOD
Figure 27. First Rank Write Cycle and Second Rank Update Cycle
Table V. First Rank Write Cycle and Second Rank Update Cycle
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSU
Setup Time
Chip Select to Update
TA = 25
°C0
ns
tCHU
Hold Time
Chip Select from Update
VDD = 5 V
0
ns
tUOE
Output Enable Times
Update to Output Enable
VCC = 5 V
25
40
ns
tWOE*
Write Enable to Output Enable
25
40
ns
tUOT
Output Toggle Times
Update to Output Reprogram
25
30
ns
tWOT
Write Enable to Output Reprogram
25
30
ns
tUOD*
Output Disable Times
Update to Output Disabled
25
30
ns
tWOD
Write Enable to Output Disabled
25
30
ns
tWHU
Setup Time
Write Enable to Update
10
ns
tUW
Width of Update Pulse
15
ns
*Not Shown.
A[4:0]
INPUTS
tCSR
D[6:0]
OUTPUTS
tRDE
tAA
tRHA
CS INPUT
RE INPUT
ADDR 1
ADDR 2
DATA
{ADDR1}
DATA {ADDR2}
tCHR
tRDD
Figure 28. Second Rank Readback Cycle
Table VI. Second Rank Readback Cycle
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSR
Setup Time
Chip Select to Read Enable
TA = 25
°C0
ns
tCHR
Hold Time
Chip Select from Read Enable
VDD = 5 V
0
ns
tRHA
Address from Read Enable
VCC = 5 V
5
ns
tRDE
Enable Time
Data from Read Enable
10 k
Ω
15
ns
tAA
Access Time
Data from Address
20 pF on D[6:0]
15
ns
tRDD
Release Time
Data from Read Enable
Bus
15
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com