Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8307 Datasheet HTML 2Page - Analog Devices AD8307 Datasheet HTML 3Page - Analog Devices AD8307 Datasheet HTML 4Page - Analog Devices AD8307 Datasheet HTML 5Page - Analog Devices AD8307 Datasheet HTML 6Page - Analog Devices AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices AD8307 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8307
–6–
REV. A
VENB
CH 2
VOUT
CH 1
Ch1 200mV
500ns
Ch2 2.00V
GND
Figure 13. Power-Up Response Time
VENB
CH 2
VOUT
CH 1
Ch1 200mV
500ns
Ch2 2.00V
GND
Figure 14. Power-Down Response Time
INP VPS ENB INT
INM COM OFS OUT
AD8307
0.1 F
VPS = +5.0V
1nF
1nF
52.3
HP8648B
SIGNAL
GENERATOR
RF OUT
OUT
TEK744A
SCOPE
HP8112A
PULSE
GENERATOR
TEK P6139A
10x PROBE
SYNCH OUT
TRIG
NC
NC
NC = NO CONNECT
Figure 15. Test Setup For Power-Up/Power-Down
Response Time
VOUT
CH 1
Ch1 500mV
200ns
Ch2 1.00V
CH 1 GND
INPUT SIGNAL
CH 2
CH 2 GND
2V
Figure 16. VOUT Rise Time
VOUT
CH 1
Ch1 500mV
200ns
Ch2 1.00V
CH 1 GND
INPUT SIGNAL
CH 2
CH 2 GND
2.5V
Figure 17. Large Signal Response Time
INP VSP ENB INT
INM COM OFS OUT
AD8307
0.1 F
VPS = +5.0V
1nF
1nF
52.3
RF OUT
TEK744A
SCOPE
TEK P6204
FET PROBE
TRIG
OUT
TRIG
HP8112A
PULSE
GENERATOR
HP8648B
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
PULSE MODE IN
10MHz REF CLK
OUT
EXT TRIG
NC
NC
NC = NO CONNECT
Figure 18. Test Setup For VOUT Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com