Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices AD8307 Datasheet HTML 10Page - Analog Devices AD8307 Datasheet HTML 11Page - Analog Devices AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8307
–11–
REV. A
PRODUCT OVERVIEW
The AD8307 comprises six main amplifier/limiter stages, each
having a gain of 14.3 dB and small signal bandwidth of 900 MHz;
the overall gain is 86 dB with a –3 dB bandwidth of 500 MHz.
These six cells, and their associated gm-styled full-wave detec-
tors, handle the lower two-thirds of the dynamic range. Three
top-end detectors, placed at 14.3 dB taps on a passive attenua-
tor, handle the upper third of the 90 dB range. Biasing for these
cells is provided by two references: one determines their gain;
the other is a bandgap circuit that determines the logarithmic
slope and stabilizes it against supply- and temperature-variations.
The AD8307 may be enabled/disabled by a CMOS-compatible
level at ENB (Pin 6). The first amplifier stage provides a low
voltage noise spectral density (1.5 nV/
√Hz).
The differential current-mode outputs of the nine detectors are
summed and then converted to single-sided form in the output
stage, nominally scaled 2
µA/dB. The logarithmic output voltage
is developed by applying this current to an on-chip 12.5 k
Ω
resistor, resulting in a logarithmic slope of 25 mV/dB (i.e.,
500 mV/decade) at OUT. This voltage is not buffered, allowing
the use of a variety of special output interfaces, including the
addition of post-demodulation filtering. The last detector stage
includes a modification to temperature-stabilize the log intercept,
which is accurately positioned to make optimal use of the full
output voltage range available. The intercept may be adjusted
using the pin INT, which adds or subtracts a small current to
the signal current.
BAND GAP REFERENCE
AND BIASING
SIX 14.3dB 900MHz
AMPLIFIER STAGES
MIRROR
INPUT– OFFSET
COMPENSATION LOOP
COMMON
–INPUT
+INPUT
SUPPLY
ENABLE
INT. ADJ
OUTPUT
OFS. ADJ.
AD8307
7.5mA
1.1k
3
2
2 A
/dB
12.5k
COM
NINE DETECTOR CELLS
SPACED 14.3dB
INT
ENB
OUT
OFS
COM
INM
INP
VPS
COM
Figure 25. Main Features of the AD8307
The last gain stage also includes an offset-sensing cell. This
generates a bipolarity output current when the main signal path
has an imbalance due to accumulated dc offsets. This current is
integrated by an on-chip capacitor (which may be increased in
value by an off-chip component, at OFS). The resulting voltage
is used to null the offset at the output of the first stage. Since it
does not involve the signal input connections, whose ac coupling
capacitors otherwise introduce a second pole in the feedback
path, the stability of the offset correction loop is assured.
The AD8307 is built on an advanced dielectrically-isolated
complementary bipolar process. Most resistors are thin-film
types having a low temperature coefficient of resistance (TCR)
and high linearity under large signal conditions. Their absolute
tolerance will typically be within
±20%. Similarly, the capacitors
have a typical tolerance of
±15% and essentially zero tempera-
ture or voltage sensitivity. Most interfaces have additional small
junction capacitances associated with them, due to active
devices or ESD protection; these may be neither accurate nor
stable. Component numbering in each of these interface dia-
grams is local.
Enable Interface
The chip-enable interface is shown in Figure 26. The currents
in the diode-connected transistors control the turn-on and turn-
off states of the bandgap reference and the bias generator, and
are a maximum of 100
µA when Pin 6 is taken to 5 V, under
worst case conditions. Left unconnected, or at a voltage below
1 V, the AD8307 will be disabled and consume a sleep current
of under 50
µA; tied to the supply, or a voltage above 2 V, it will
be fully enabled. The internal bias circuitry is very fast (typically
<100 ns for either OFF or ON), and in practice the latency
period before the log amp exhibits its full dynamic range is more
likely to be limited by factors relating to the use of ac coupling
at the input or the settling of the offset-control loop (see follow-
ing sections).
COM
ENB
40k
TO BIAS
STAGES
AD8307
Figure 26. Enable Interface
TOP-END
DETECTORS
COM
INP
INM
CP
CD
CM
COM
4k
~3k
125
6k
6k
2k
TYP +2.2V FOR
+3V SUPPLY,
+3.2V AT +5V
S
S
VPS
COM
IE
2.4mA
Q1
Q2
Figure 27. Signal Input Interface
Input Interface
Figure 27 shows the essentials of the signal input interface. CP
and CM are the parasitic capacitances to ground; CD is the dif-
ferential input capacitance, mostly due to Q1 and Q2. In most
applications both input pins are ac-coupled. The switches S
close when Enable is asserted. When disabled, the inputs float,
bias current IE is shut off, and the coupling capacitors remain
charged. If the log amp is disabled for long periods, small leak-
age currents will discharge these capacitors. If they are poorly
matched, charging currents at power-up can generate a transient
input voltage which may block the lower reaches of the dynamic
range until it has become much less than the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com