Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices AD8307 Datasheet HTML 19Page - Analog Devices AD8307 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD8307
–19–
REV. A
INP VPS ENB INT
INM COM OFS OUT
AD8307
C3
10 F
+VS
R3
12.5k
INPUT
LOG
OUTPUT
C1
0.1 F
R1
52.3
C2
0.1 F
C4
0.1 F
LK5
C6
1nF
C5
0.1 F
LK4
LK3
LK2
A
B
LK1
R2
50k
Figure 46. Evaluation Board Schematic
Figure 47. Component Side Silkscreen
Figure 48. Board Layout (Component Side)
Figure 49. Solder Side Silkscreen
Figure 50. Board Layout (Solder Side)
Link and Trim Options
There are a number of link options and trim potentiometers on
the evaluation board which should be set for the required oper-
ating setup before using the board. The functions of these link
options and trim potentiometers are described in detail in
Table II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com