Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8307 Datasheet HTML 10Page - Analog Devices AD8307 Datasheet HTML 11Page - Analog Devices AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8307
–14–
REV. A
Narrow-Band Matching
Transformer coupling is useful in broadband applications. How-
ever, a magnetically-coupled transformer may not be convenient
in some situations. At high frequencies, it is often preferable to
use a narrow-band matching network, as shown in Figure 33.
This has several advantages. The same voltage gain is achieved,
providing increased sensitivity, but now a measure of selectively
is also introduced. The component count is low: two capacitors
and an inexpensive chip inductor. Further, by making these
capacitors unequal the amplitudes at INP and INM may be
equalized when driving from a single-sided source; that is, the
network also serves as a balun. Figure 34 shows the response for
a center frequency of 100 MHz; note the very high attenuation
at low frequencies. The high-frequency attenuation is due to the
input capacitance of the log amp.
INP VPS ENB INT
INM COM OFS OUT
AD8307
C2
50
INPUT
–88dBm TO
+3dBm
LM
C1
4.7
NC
NC
0.1 F
VP, 2.7V – 5.5V
AT
8mA
OUTPUT
25mV/dB
NC = NO CONNECT
ZIN = 50
Figure 33. High Frequency Input Matching Network
FREQUENCY – MHz
14
4
–1
60
150
80
100
110
130
3
2
1
0
70
90
120
140
INPUT
GAIN
9
8
7
6
5
13
12
11
10
Figure 34. Response of 100 MHz Matching Network
Table I provides solutions for a variety of center frequencies FC
and matching impedances ZIN of nominally 50 Ω and 100 Ω.
The unequal capacitor values were chosen to provide a well-
balanced differential drive, and also to allow better centering of
the frequency response peak when using standard value compo-
nents; this generally results in a ZIN that is not exact. The full
AD8307 HF input impedance and the inductor losses were
included in the modeling.
Table I. Narrow-Band Matching Values
FC
ZIN
C1
C2
LM
Voltage
MHz
Ω
pF
pF
nH
Gain (dB)
10
45
160
150
3300
13.3
20
44
82
75
1600
13.4
50
46
30
27
680
13.4
100
50
15
13
330
13.4
150
57
10
8.2
220
13.2
200
57
7.5
6.8
150
12.8
250
50
6.2
5.6
100
12.3
500
54
3.9
3.3
39
10.9
10
103
100
91
5600
10.4
20
102
51
43
2700
10.4
50
99
22
18
1000
10.6
100
98
11
9.1
430
10.5
150
101
7.5
6.2
260
10.3
200
95
5.6
4.7
180
10.3
250
92
4.3
3.9
130
9.9
500
114
2.2
2.0
47
6.8
Slope and Intercept Adjustments
Where higher calibration accuracy is needed, the adjustments
shown in Figure 35 can be used, either singly or in combination.
The log slope is lowered to 20 mV/dB by shunting the nominally
12.5 k
Ω on-chip load resistor (see Figure 29) with 50 kΩ,
adjusted by VR1. The calibration range is
±10% (18 mV/dB to
22 mV/dB), including full allowance for the variability in the
value of the internal load. The adjustment may be made by
alternately applying two input levels, provided by an accurate
signal generator, spaced over the central portion of the log amp’s
dynamic range, for example –60 dBm and 0 dBm. An AM-
modulated signal, at the center of the dynamic range, can also
be used. For a modulation depth M, expressed as a fraction, the
decibel range between the peaks and troughs over one cycle of
the modulation period is given by:
∆ dB = 20 log
10
1
+ M
1
− M
(7)
For example, using an rms signal level of –40 dBm with a 70%
modulation depth (M = 0.7), the decibel range is 15 dB, as the
signal varies from –47.5 dBm to –32.5 dBm.
The log intercept is adjustable over a
±3 dB range, which is
sufficient to absorb the worst-case intercept error in the AD8307
plus some system-level errors. For greater range, set RS to zero.
VR2 is adjusted while applying an accurately known CW signal
near the lower end of the dynamic range, in order to minimize
the effect of any residual uncertainty in the slope. For example,
to position the intercept to –80 dBm, a test level of –65 dBm
may be applied and VR2 adjusted to produce a dc output of
15 dB above zero at 25 mV/dB, which is +0.3 V.
INP VPS ENB INT
INM COM OFS OUT
AD8307
C2 = CC
INPUT
–75dBm TO
+16dBm
RS
C1 = CC
4.7
3dB
NC
0.1 F
VP, 2.7V – 5.5V
AT
8mA
20mV/dB
10%
VR2
50k
32.4k
VR1
50k
FOR VP = 3V, RS = 20k
VP = 5V, RS = 51k
NC = NO CONNECT
Figure 35. Slope and Intercept Adjustments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com