Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices AD8307 Datasheet HTML 19Page - Analog Devices AD8307 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8307
–20–
REV. A
Table II. Evaluation Board Link Options
Link No.
Default Position
Function
LK1
A
Power Up/Power Down. When this link is in position B, the ENB pin is connected to ground,
putting the AD8307 in power-down mode. Placing this link in position A connects the ENB
pin to the positive supply, thereby putting the AD8307 in normal operating mode.
LK2
Open
Intercept Adjust. When Pin LK2 is left open, the AD8307 has a nominal logarithmic
intercept of –84 dBm. Putting LK2 in place connects the wiper of potentiometer R2 to Pin 5
(INT). By varying the voltage on INT, the position of the intercept can be adjusted. The inter-
cept varies by about 8 dB/V.
LK3
Open
Slope Adjust. When this link is open, the nominal slope of the output is 25 mV/dB. Putting this
link in place connects a ground referenced 12.5 k
Ω load resistor (R3) to the logarithmic out-
put. The parallel combination of this resistor and an internal 12.5 k
Ω resistor reduces the
logarithmic slope to 12.5 mV/dB. R3 may be adjusted for other scaling factors.
LK4
Open
Corner Frequency of Low-Pass Demodulating Filter. When this link is open, the corner fre-
quency of the low pass post demodulation filter has a nominal value of 4 MHz. This is set by
an on-chip load impedance of 12.5 k
Ω and an on-chip load capacitance of 3.5 pF. The load
capacitance (e.g., of an oscilloscope probe) must be added to this capacitance, and will lower
the internal video bandwidth, to a nominal 1 MHz for a total of 13.5 pF. Putting LK4 in place
connects an external load capacitance (C5) of 0.1
µF to the output, reducing the corner fre-
quency of the low-pass filter to about 125 Hz. For large values of C5, the corner frequency can
be calculated using the equation, f
≈ 12.7 Hz/C5 (
µF).
LK5
Open
Offset Control Loop. When this link is open, the internal offset control loop gives the circuit an
overall high pass corner frequency of about 1 MHz. With LK5 link in place, a 1 nF capacitor
(C6) is connected to the OFS pin, reducing the high pass corner frequency to allow accurate
operation down to 10 kHz. To reduce the minimum operational frequency even further, a
larger capacitor can replace C6 (e.g., a 1
µF capacitor allows operation down to 10 Hz). Note
that that external capacitor C6 has no effect on the minimum signal frequency for input levels
that exceed the offset voltage (typically 400
µV). The range for such signals extends down to dc
(for signals applied directly to the input pins).
8-Lead Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Lead SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com