Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices AD8307 Datasheet HTML 19Page - Analog Devices AD8307 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8307
–18–
REV. A
The intercept can be raised, for example, to 100
µV, with the
rationale that the dc precision does not warrant operation in the
first decade (from 10
µV–100 µV). Likewise, the slope can be
raised to 50 mV/dB, using R7 = 3 k
Ω, R8 = 2 kΩ, or to 100 mV/
dB, to simplify decibel measurements on a DVM, using R7 =
8k
Ω, R8 = 2 kΩ, which raises the maximum output to +11 V,
thus requiring a +15 V supply for the AD830. The output may
be made to swing in a negative direction by simply reversing
Pins 1 and 2. Low-pass filtering capacitor C3 sets the output
rise time to about 1 ms.
VIN
6.0
10
100
1m
10m
100m
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
1
1.0
0.5
0
–0.5
–1.0
Figure 44. Ideal Output and Law-Conformance Error for
the DC-Coupled AD8307 at 50 mV/dB
Figure 44 shows the output and the law-conformance error in
the absence of noise and input offset, for the 50 mV/dB option.
Note in passing that the error ripple for dc excitation is about
twice that for the more usual sinusoidal excitation. In practice,
both the noise and the internal offset voltage will degrade the
accuracy in the first decade of the dynamic range. The latter is
now manually nulled, by VR1, using a simple method that en-
sures very low residual offsets.
A temporary ac signal, typically a sine wave of 100 mV in ampli-
tude at a frequency of about 100 Hz, is applied via the capacitor
at node TEMP; this has the effect of disturbing the offset-nulling
voltage. The output voltage is then viewed on an oscilloscope
and VR1 is adjusted until the peaks of the (frequency-doubled)
waveform are exactly equal in amplitude. This procedure can
provide an input null down to about 10
µV; the temperature
drift is very low, though not specified since the AD8307 is not
principally designed to operate as a baseband log amp, and in ac
modes this offset is continuously and automatically nulled.
Next, it is necessary to set the intercept. This is the purpose of
VR2, which should be adjusted after VR1. The simplest method
is to short the input and adjust VR2 for an output of 0.3 V,
corresponding to the noise floor. For more exacting applica-
tions, a temporary sinusoidal test voltage of 1 mV in amplitude,
at about 1 MHz, should be applied, which may require the use
of a temporary onboard input attenuator. For 20 mV/dB scaling,
a 10
µV dc intercept (which is 6 dB below the ac intercept)
requires adjusting the output to 0.68 V; for the 100 mV/dB
scaling, this becomes 3.4 V. If a 100
µV intercept is preferred
(usefully lowering the maximum output voltage), these become
0.28 V and 1.4 V respectively.
Finally, the slope must be adjusted. This can be performed by
applying a low frequency square wave to the main input, having
precisely determined upper and lower voltage levels, provided
by a programmable waveform generator. A suitable choice is a
100 Hz square wave with levels of 10 mV and 1 V. The output
will be a low-pass filtered square wave, and its amplitude should
be 0.8 V, for 20 mV/dB scaling, or 4 V for 100 mV/dB scaling.
Operation Above 500 MHz
The AD8307 is not intended for use above 500 MHz. However,
it does provide useful performance at higher frequencies.
Figure 45 shows a plot of the logarithmic output of the AD8307
for an input frequency of 900 MHz. The device shows good
logarithmic conformance from –50 dBm to –10 dBm. There is a
“bump” in the transfer function at –5 dBm, but if this is accept-
able, the device is usable over a 60 dB dynamic range (–50 dBm
to +10 dBm).
PIN – dBm
2
1.8
0
–60
–40
–20
0
1.6
1.4
1.2
0.2
–50
–30
–10
10
0.4
0.6
0.8
1
Figure 45. Output vs. Input Level for a 900 MHz Input Signal
Evaluation Board
An evaluation board, carefully laid out and tested to demon-
strate the specified high speed performance of the AD8307 is
available. Figure 46 shows the schematic of the evaluation board.
For ordering information, please refer to the Ordering Guide.
Figures 47 and 49 show the component-side and solder-side
silkscreens of the evaluation board. The component-side and
solder-side layouts are shown in Figures 48 and 50.
For connection to external instruments, side-launched SMA
type connectors are provided. Space is also provided on the
board for the installation of SMB or SMC type connectors.
When using the top-mount SMA connector, it is recommended
that the stripline on the outside 1/8" of the board edge be re-
moved (i.e., scraped using a blade) as this unused stripline acts
as an open stub, which could degrade the overall performance of
the evaluation board/device combination at high frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com