Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 1 Page - Analog Devices

  AD8307 Datasheet HTML 1Page - Analog Devices AD8307 Datasheet HTML 2Page - Analog Devices AD8307 Datasheet HTML 3Page - Analog Devices AD8307 Datasheet HTML 4Page - Analog Devices AD8307 Datasheet HTML 5Page - Analog Devices AD8307 Datasheet HTML 6Page - Analog Devices AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8307
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Low Cost DC-500 MHz, 92 dB
Logarithmic Amplifier
FUNCTIONAL BLOCK DIAGRAM
BANDGAP REFERENCE
AND BIASING
SIX 14.3dB 900MHz
AMPLIFIER STAGES
MIRROR
INPUT-OFFSET
COMPENSATION LOOP
COMMON
–INPUT
+INPUT
SUPPLY
ENABLE
INT. ADJ
OUTPUT
OFS. ADJ.
AD8307
7.5mA
1.15k
3
2
2 A
/dB
12.5k
COM
NINE DETECTOR CELLS
SPACED 14.3dB
INT
ENB
OUT
OFS
COM
INM
INP
VPS
FEATURES
Complete Multistage Logarithmic Amplifier
92 dB Dynamic Range: –75 dBm to +17 dBm
to –90 dBm Using Matching Network
Single Supply of 2.7 V Min at 7.5 mA Typical
DC-500 MHz Operation,
1 dB Linearity
Slope of 25 mV/dB, Intercept of –84 dBm
Highly Stable Scaling Over Temperature
Fully Differential DC-Coupled Signal Path
100 ns Power-Up Time, 150
A Sleep Current
APPLICATIONS
Conversion of Signal Level to Decibel Form
Transmitter Antenna Power Measurement
Receiver Signal Strength Indication (RSSI)
Low Cost Radar and Sonar Signal Processing
Network and Spectrum Analyzers (to 120 dB)
Signal Level Determination Down to 20 Hz
True Decibel AC Mode for Multimeters
PRODUCT DESCRIPTION
The AD8307 is the first logarithmic amplifier in an 8-lead (SO-8)
package. It is a complete 500 MHz monolithic demodulating
logarithmic amplifier based on the progressive compression
(successive detection) technique, providing a dynamic range of
92 dB to
±3 dB law-conformance and 88 dB to a tight ±1 dB
error bound at all frequencies up to 100 MHz. It is extremely
stable and easy to use, requiring no significant external compo-
nents. A single supply voltage of 2.7 V to 5.5 V at 7.5 mA is
needed, corresponding to an unprecedented power consumption
of only 22.5 mW at 3 V. A fast-acting CMOS-compatible con-
trol pin can disable the AD8307 to a standby current of under
150
µA.
Each of the cascaded amplifier/limiter cells has a small-signal
gain of 14.3 dB, with a –3 dB bandwidth of 900 MHz. The
input is fully differential and at a moderately high impedance
(1.1 k
Ω in parallel with about 1.4 pF). The AD8307 provides a
basic dynamic range extending from approximately –75 dBm
(where dBm refers to a 50
Ω source, that is, a sine amplitude of
about
±56 µV) up to +17 dBm (a sine amplitude of ± 2.2 V).
A simple input-matching network can lower this range to –88 dBm
to +3 dBm. The logarithmic linearity is typically within
±0.3 dB
up to 100 MHz over the central portion of this range, and is
degraded only slightly at 500 MHz. There is no minimum
frequency limit; the AD8307 may be used at audio frequencies
(20 Hz) or even lower.
The output is a voltage scaled 25 mV/dB, generated by a current
of nominally 2
µA/dB through an internal 12.5 kΩ resistor. This
voltage varies from 0.25 V at an input of –74 dBm (that is, the
ac intercept is at –84 dBm, a 20
µV rms sine input), up to 2.5 V
for an input of +16 dBm. This slope and intercept can be trimmed
using external adjustments. Using a 2.7 V supply, the output
scaling may be lowered, for example to 15 mV/dB, to permit
utilization of the full dynamic range.
The AD8307 exhibits excellent supply insensitivity and tem-
perature stability of the scaling parameters. The unique combi-
nation of low cost, small size, low power consumption, high
accuracy and stability, very high dynamic range, and a frequency
range encompassing audio through IF to UHF, make this prod-
uct useful in numerous applications requiring the reduction of a
signal to its decibel equivalent.
The AD8307 is available in the industrial temperature range of
–40
°C to +85°C, and in 8-lead SOIC and PDIP packages.


Similar Part No. - AD8307

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8307 AD-AD8307 Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
AD8307AN AD-AD8307AN Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8307ANZ AD-AD8307ANZ Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8307ANZ AD-AD8307ANZ Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
More results

Similar Description - AD8307

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD8309 AD-AD8309 Datasheet
311Kb / 20P
5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV.B
AD8310 AD-AD8310 Datasheet
606Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com