Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices AD8307 Datasheet HTML 19Page - Analog Devices AD8307 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8307
–17–
REV. A
INPUT LEVEL – dBm
2.50
2.25
0
–100
20
–80
–20
0
2.00
1.25
1.00
0.50
WITH FILTER
–60
–40
ERROR
(WITH FILTER)
WITHOUT
FILTER
0.25
0.75
1.50
1.75
–2
–1
0
1
2
Figure 41. Results for 120 dB Measurement System
Operation at Low Frequencies
The AD8307 provides excellent logarithmic conformance at
signal frequencies that may be arbitrarily low, depending only
on the values used for the input coupling capacitors. It may also
be desirable to add a low-pass input filter in order to desensitize
the log amp to HF signals. Figure 42 shows a simple arrange-
ment, providing coupling with an attenuation of 20 dB; the
intercept is shifted up by this attenuation, from –84 dBm to
–64 dBm, and the input range is now 0.5 mV to 20 V (sine
amplitude).
A high pass 3 dB corner frequency of nominally 3 Hz is set by
the 10
µF coupling capacitors C1 and C2, which are preferably
tantalum electrolytics (note the polarity) and a low pass 3 dB
corner frequency of 200 kHz (set by C3 and the effective resis-
tance at the input of 1 k
Ω). The –1% amplitude error points
occur at 20 Hz and 30 kHz. These are readily altered to suit
other applications by simple scaling. When C3 is zero, the low
pass corner is at 200 MHz. Note that the lower end of the dy-
namic range is improved by this capacitor, which provides es-
sentially an HF short circuit at the input, thus significantly
lowering the wideband noise; the noise reduction is about 2 dB
compared to the case when the AD8307 is driven from a 50
Ω
source.
To ensure that the output is free of post-demodulation ripple, it
is necessary to lower the low-pass filter time-constant. This is
provided by C5; with the value shown, the output time-constant
is 125 ms. (See also Figure 38 for a more elaborate filter). Finally,
to improve the law-conformance at very low signal levels and at
low frequencies, C4 has been added to the offset compensation
loop.
INP VPS ENB INT
INM COM OFS OUT
AD8307
+5V
C3
750pF
C2
10 F
C5
1 F
C1
10 F
0.1 F
NC
4.7
C4
1 F
VOUT
25mV/dB
R2
5k
0.5mV
TO 20V
SINE
AMPLITUDE
FOR SLOPE AND
INTERCEPT ADJUSTMENTS
SEE FIGURE 35
R1
5k
VIN
NC = NO CONNECT
Figure 42. Connections for Low Frequency Operation
DC-Coupled Applications
It may occasionally be necessary to provide response to dc in-
puts. Since the AD8307 is internally dc-coupled, there is no
fundamental reason why this is precluded. However, there is a
practical constraint, which is that its inputs must be positioned
about 2 V above the COM potential for proper biasing of the
first stage. If it happens that the source is a differential signal at
this level, it may be directly connected to the input. For ex-
ample, a microwave detector can be ac-coupled at its RF input
and its baseband load then automatically provided by the “float-
ing” RIN and CIN of the AD8307, at about VP/2.
Usually, the source will be a single-sided ground-referenced
signal, and it will thus be necessary to provide a negative supply
for the AD8307. This can be achieved as shown in Figure 43.
The output is now referenced to this negative supply, and it is
necessary to provide an output interface that performs a differ-
ential-to-single-sided conversion. This is the purpose of the
AD830. The slope may be arranged to be 20 mV/dB, when the
output ideally runs from zero, for a dc input of 10
µV, to +2.2 V
for an input of 4 V. The AD8307 is fundamentally insensitive to
the sign of the input signal, but with this biasing scheme, the
maximum negative input is constrained to about –1.5 V. The
transfer function after trimming and with R7 = 0, is
VOUT = (0.4 V) log10 (VIN /10 µV)
INP VPS ENB INT
INM COM OFS OUT
AD8307
VP
INT
NC
VN
X1
X2
Y1
Y2
AD830
C1
0.1 F
C2
1 F
VIN
TEMP
R2
3.3k
+5V
R1
4.7
VR2
50k
R5
*
* 51k
FOR
20mV/dB
5k FOR
100mV/dB
20mV/dB
+5V FOR 20mV/dB
+10V FOR 50mV/dB
+15V FOR 100mV/dB
VOUT
R7
R8
R7,R8:
SEE TEXT
AD589
R3
1k
Q1
2N3904
VR1
2k
C3
0.1 F
–5V
R6
32.4k
R9
250
–5V
VR3
50k
NC = NO CONNECT
–2V
Figure 43. Connections for DC-Coupled Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com