Electronic Components Datasheet Search
  English  ▼

X  

AD9777EB Datasheet(PDF) 41 Page - Analog Devices

Part # AD9777EB
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777EB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9777EB Datasheet HTML 37Page - Analog Devices AD9777EB Datasheet HTML 38Page - Analog Devices AD9777EB Datasheet HTML 39Page - Analog Devices AD9777EB Datasheet HTML 40Page - Analog Devices AD9777EB Datasheet HTML 41Page - Analog Devices AD9777EB Datasheet HTML 42Page - Analog Devices AD9777EB Datasheet HTML 43Page - Analog Devices AD9777EB Datasheet HTML 44Page - Analog Devices AD9777EB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
REV. 0
AD9777
–41–
JP18
VDDMIN
VDDM
J10
DGND; 3, 4, 5
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
S
P
T6
ADTL1-12
SP
1
34
6
4
61
3
C78
0.1 F
C75
0.1 F
C35
10 F
C72
10 F
10V
P
S
C78
0.1 F
1
3
4
5
C77
100pF
T5
ADTL1-12
T4
ETC1-1-13
R30
DNP
R28
0
LOCAL OSC INPUT
R26
1k
J7
J21
C74
100pF
J10
DGND; 3, 4, 5
MODULATED OUTPUT
R23
0
R33
51
R34
DNP
C79
DNP
J19
R32
51
C81
DNP
C55
DNP
O2P
L7
DNP
L6
DNP
R36
51
R37
DNP
C80
DNP
J20
R35
51
C73
DNP
C54
DNP
O1P
L5
DNP
L4
DNP
O1N
O2N
DVDD_IN
J8
AGND
C65
22 F
16V
J5
C67
0.1 F
C66
22 F
16V
J9
L3 FERRITE
TP2
RED
DVDD
TP3
BLK
AVDD_IN
J4
AGND
C64
22 F
16V
J6
C68
0.1 F
C61
22 F
16V
J10
L2 FERRITE
TP4
RED
AVDD
TP5
BLK
CLKVDD_IN
J3
AGND
C63
22 F
16V
J7
C69
0.1 F
C62
22 F
16V
J11
L1 FERRITE
TP6
RED
CLKVDD
TP7
BLK
VDDMIN
W11
C28
22 F
16V
W12
C32
0.1 F
L8 FERRITE
VDDM
POWER INPUT FILTERS
Figure 59. AD8345 Circuitry on AD9777 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com