Electronic Components Datasheet Search
  English  ▼

X  

AD9777EB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9777EB
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777EB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9777EB Datasheet HTML 23Page - Analog Devices AD9777EB Datasheet HTML 24Page - Analog Devices AD9777EB Datasheet HTML 25Page - Analog Devices AD9777EB Datasheet HTML 26Page - Analog Devices AD9777EB Datasheet HTML 27Page - Analog Devices AD9777EB Datasheet HTML 28Page - Analog Devices AD9777EB Datasheet HTML 29Page - Analog Devices AD9777EB Datasheet HTML 30Page - Analog Devices AD9777EB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
REV. 0
AD9777
–27–
MODULATION, INTERPOLATION = 2
×
With Control Register 01h, Bits 7 and 6 set to “01,” the inter-
polation rate of the AD9777 is 2
×. Modulation is achieved by
multiplying successive samples at the interpolation filter output
by the sequence (1, –1). Figures 26a–26d represent the spectral
response of the AD9777 DAC output with 2
× interpolation in the
various modulation modes to a narrow band baseband signal (again,
the tall rectangles in the graphic). The advantage of interpolation
becomes clear in Figures 26a–26d, where it can be seen that the
images that would normally appear in the spectrum around the
input data rate frequency are suppressed by >70 dB. Another
significant point is that the interpolation filtering is done previous
to the digital modulator. For this reason, as Figures 26a–26d
show, the pass band of the interpolation filters can be frequency
shifted, giving the equivalent of a high-pass digital filter.
Note that when using the fS/4 modulation mode, there is no true
stop band as the band edges coincide with each other. In the fS/8
modulation mode, amplitude scaling occurs over only a portion of
the digital filter pass band due to constructive addition over just
that section of the band.
Figure 26. Effects of Digital Modulation on DAC Output Spectrum, Interpolation = 2
×
f
OUT (
fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26a. 2
× Interpolation, Modulation = Disabled
fOUT ( fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26b. 2
× Interpolation, Modulation = fDAC/2
fOUT ( fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26c. 2
× Interpolation, Modulation = fDAC/4
fOUT ( fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26d. 2
× Interpolation, Modulation = fDAC/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com