Electronic Components Datasheet Search
  English  ▼

X  

AD9777EB Datasheet(PDF) 37 Page - Analog Devices

Part # AD9777EB
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777EB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9777EB Datasheet HTML 33Page - Analog Devices AD9777EB Datasheet HTML 34Page - Analog Devices AD9777EB Datasheet HTML 35Page - Analog Devices AD9777EB Datasheet HTML 36Page - Analog Devices AD9777EB Datasheet HTML 37Page - Analog Devices AD9777EB Datasheet HTML 38Page - Analog Devices AD9777EB Datasheet HTML 39Page - Analog Devices AD9777EB Datasheet HTML 40Page - Analog Devices AD9777EB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
REV. 0
AD9777
–37–
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion as shown in Figure 52. A
differentially coupled transformer output provides the optimum
distortion performance for output signals whose spectral content
lies within the transformer’s pass band. An RF transformer,
such as the Mini-Circuits T1-1T, provides excellent rejection
of common-mode distortion (i.e., even-order harmonics) and
noise over a wide frequency range. It also provides electrical
isolation and the ability to deliver twice the power to the load.
Transformers with different impedance ratios may also be used
for impedance matching purposes.
IOUTA
IOUTB
DAC
RLOAD
MINI-CIRCUITS
T1-T2
Figure 52. Transformer-Coupled Output Circuit
The center tap on the primary side of the transformer must be
connected to AGND to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages appearing
at IOUTA and IOUTB (i.e., VOUTA and VOUTB) swing symmetrically
around AGND and should be maintained within the specified
output compliance range of the AD9777. A differential resistor,
RDIFF, may be inserted in applications where the output of the
transformer is connected to the load, RLOAD, via a passive recon-
struction filter or cable. RDIFF is determined by the transformer’s
impedance ratio and provides the proper source termination
that results in a low VSWR. Note that approximately half the
signal power will be dissipated across RDIFF.
DIFFERENTIAL COUPLING USING AN OP AMP
An op amp can also be used to perform a differential-to-single-
ended conversion as shown in Figure 53. This has the added
benefit of providing signal gain as well. In Figure 53, the AD9777
is configured with two equal load resistors, RLOAD, of 25
Ω. The
differential voltage developed across IOUTA and IOUTB is converted
to a single-ended signal via the differential op amp configuration.
An optional capacitor can be installed across IOUTA and IOUTB,
forming a real pole in a low-pass filter. The addition of this
capacitor also enhances the op amp’s distortion performance by
preventing the DAC’s fast slewing output from overloading the
input of the op amp.
IOUTA
IOUTB
DAC
25
AD8021
500
COPT
225
225
500
ROPT
225
AVDD
25
Figure 53. Op Amp-Coupled Output Circuit
The common-mode (and second order distortion) rejection of this
configuration is typically determined by the resistor matching. The
op amp used must operate from a dual supply since its output
is approximately
± 1.0 V. A high speed amplifier, such as the
AD8021, capable of preserving the differential performance of the
APPLYING THE AD9777 OUTPUT CONFIGURATIONS
The following sections illustrate typical output configurations for
the AD9777. Unless otherwise noted, it is assumed that IOUTFS
is set to a nominal 20 mA. For applications requiring optimum
dynamic performance, a differential output configuration is
suggested. A simple differential output may be achieved by
converting IOUTA and IOUTB to a voltage output by terminating
them to AGND via equal value resistors. This type of configura-
tion may be useful when driving a differential voltage input device
such as a modulator. If a conversion to a single-ended signal is
desired and the application allows for ac-coupling, an RF trans-
former may be useful; if power gain is required, an op amp may
be used. The transformer configuration provides optimum high
frequency noise and distortion performance. The differential op
amp configuration is suitable for applications requiring dc-
coupling, signal gain, and/or level shifting within the bandwidth of
the chosen op amp.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to a load resistor,
RLOAD, referred to AGND. This configuration is most suitable
for a single-supply system requiring a dc-coupled, ground
referred output voltage. Alternatively, an amplifier could be
configured as an I-V converter, thus converting IOUTA or IOUTB
into a negative unipolar voltage. This configuration provides
the best DAC dc linearity as IOUTA or IOUTB are maintained at
ground or virtual ground.
UNBUFFERED DIFFERENTIAL OUTPUT, EQUIVALENT
CIRCUIT
In many applications, it may be necessary to understand the
equivalent DAC output circuit. This is especially useful when
designing output filters or when driving inputs with finite input
impedances. Figure 51 illustrates the output of the AD9777 and
the equivalent circuit. A typical application where this informa-
tWn may be useful is when designing an interface filter between the
AD9777 and Analog Devices’ AD8345 quadrature modulator.
IOUTA
RA + RB
IOUTB
VOUT
(DIFFERENTIAL)
VSOURCE =
IOUTFS
(RA + RB)
p-p
VOUT+
VOUT–
Figure 51. DAC Output Equivalent Circuit
For the typical situation, where IOUTFS = 20 mA and RA and RB
both equal 50
Ω, the equivalent circuit values become:
VSOURCE = 2 V p-p
ROUT = 100
Ω
Note that the output impedance of the AD9777 DAC itself is
greater than 100 k
Ω and typically has no effect on the imped-
ance of the equivalent output circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com