Electronic Components Datasheet Search
  English  ▼

X  

AD9777EB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9777EB
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777EB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9777EB Datasheet HTML 15Page - Analog Devices AD9777EB Datasheet HTML 16Page - Analog Devices AD9777EB Datasheet HTML 17Page - Analog Devices AD9777EB Datasheet HTML 18Page - Analog Devices AD9777EB Datasheet HTML 19Page - Analog Devices AD9777EB Datasheet HTML 20Page - Analog Devices AD9777EB Datasheet HTML 21Page - Analog Devices AD9777EB Datasheet HTML 22Page - Analog Devices AD9777EB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
REV. 0
AD9777
–19–
The offset control defines a small current that can be added
to IOUTA or IOUTB (not both) on the IDAC and QDAC. The
selection of which IOUT this offset current is directed toward is
programmable via Register 08h, Bit 7 (IDAC) and Register 0Ch,
Bit 7 (QDAC). Figure 9 shows the scale of the offset current
that can be added to one of the complementary outputs on the
IDAC and QDAC. Offset control can be used for suppression of
LO leakage resulting from modulation of dc signal components.
If the AD9777 is dc-coupled to an external modulator, this
feature can be used to cancel the output offset on the AD9777
as well as the input offset on the modulator. Figure 9 shows a
typical example of the effect that the offset control has on LO
suppression.
OFFSET
DAC
QDAC
IDAC
OFFSET
DAC
REFIO
0.1 F
FSADJ1
FSADJ2
RSET1
RSET2
IOUTA1
IOUTB1
OFFSET
CONTROL
REGISTERS
IOUTA2
IOUTB2
GAIN
CONTROL
REGISTERS
COARSE
GAIN
DAC
COARSE
GAIN
DAC
FINE
GAIN
DAC
FINE
GAIN
DAC
1.2VREF
GAIN
CONTROL
REGISTERS
OFFSET
CONTROL
REGISTERS
Figure 6. DAC Outputs, Reference Current Scaling, and
Gain/Offset Adjust
COARSE GAIN REGISTER CODE – Assuming
RSET1, 2 = 1.9k
05
0
25
10
15
20
5
10
15
20
2R MODE
1R MODE
Figure 7a. Coarse Gain Effect on IFULLSCALE
FINE GAIN REGISTER CODE – Assuming
RSET1, 2 = 1.9k
05
–3.0
10
15
20
2R MODE
1R MODE
–2.5
–2.0
–1.5
–1.0
–0.5
0
Figure 7b. Fine Gain Effect on IFULLSCALE
In Figure 9, the negative scale represents an offset added to
IOUTB, while the positive scale represents an offset added to
IOUTA of the respective DAC. Offset Register 1 corresponds
to IDAC, while Offset Register 2 corresponds to QDAC. Figure 9
represents the AD9777 synthesizing a complex signal that is
then dc-coupled to an AD8345 quadrature modulator with an
LO of 800 MHz. The dc-coupling allows the input offset of the
AD8345 to be calibrated out as well. The LO suppression at the
AD8345 output was optimized first by adjusting Offset Register 1,
in the AD9777. When an optimal point was found (roughly
Code 54), this code was held in Offset Register 1, and
Offset Register 2 was adjusted. The resulting LO suppression is
70 dBFS. These are typical numbers, and the specific code for
optimization will vary from part to part.
COARSE GAIN REGISTER CODE – Assuming
RSET1, 2 = 1.9k
0
200
0
5
400
600
800
1
2
3
4
2R MODE
1R MODE
1000
Figure 8. DAC Output Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com