Electronic Components Datasheet Search
  English  ▼

X  

AD9777EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9777EB
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9777EB Datasheet HTML 18Page - Analog Devices AD9777EB Datasheet HTML 19Page - Analog Devices AD9777EB Datasheet HTML 20Page - Analog Devices AD9777EB Datasheet HTML 21Page - Analog Devices AD9777EB Datasheet HTML 22Page - Analog Devices AD9777EB Datasheet HTML 23Page - Analog Devices AD9777EB Datasheet HTML 24Page - Analog Devices AD9777EB Datasheet HTML 25Page - Analog Devices AD9777EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
REV. 0
–22–
AD9777
fDATA – MHz
050
72.0
100
150
200
72.5
8
(MOD. ON)
,
4
(MOD. ON)
,
2
(MOD. ON)
,
8
4
2
1
73.0
73.5
74.0
74.5
75.0
75.5
76.0
Figure 16. IAVDD vs. fDATA vs. Interpolation Rate,
PLL Disabled
fDATA – MHz
050
0
100
150
200
5
10
15
20
25
30
35
8
4
2
1
Figure 17. ICLKVDD vs. fDATA vs. Interpolation Rate,
PLL Disabled
SLEEP/POWER-DOWN MODES
(Control Register 00h, Bits 3 and 4)
The AD9777 provides two methods for programmable reduction
in power savings. The sleep mode, when activated, turns off the
DAC output currents but the rest of the chip remains functioning.
When coming out of sleep mode, the AD9777 will immediately
return to full operation. Power-down mode, on the other hand,
turns off all analog and digital circuitry in the AD9777 except
for the SPI port. When returning from power-down mode, enough
clock cycles must be allowed to flush the digital filters of random
data acquired during the power-down cycle. Note that optimal
performance with the PLL enabled is achieved with the UCO in
the PLL control loop running at 450 MHz – 550 MHz.
ONE/TWO PORT INPUT MODES
The digital data input ports can be configured as two independent
ports or as a single (one port mode) port. In two port mode, the
AD9777 can be programmed to generate an externally available
data rate clock (DATACLK) for the purpose of data synchroniza-
tion. Data at the two input ports can be latched into the AD9777
on every rising clock edge of DATACLK. In one port mode,
P2B14 and P2B15 from input data Port 2 are redefined as IQSEL
and ONEPORTCLK, respectively. The input data in one port
mode is steered to one of the two internal data channels based on
the logic level of IQSEL. A clock signal, ONEPORTCLK, is
generated by the AD9777 in this mode for the purpose of external
data synchronization. ONEPORTCLK runs at the input inter-
leaved data rate, which is 2
× the data rate at the internal input
to either channel.
Test configurations showing the various clocks that are required and
produced by the AD9777 in the PLL and one/two port modes are
given in Figures 55 through 58. Jumper positions needed to oper-
ate the AD9777 evaluation board in these modes are given as well.
PLL ENABLED, TWO PORT MODE
(Control Register 02h, Bits 6–0 and 04h, Bits 7–1)
With the phase-locked loop (PLL) enabled and the AD9777 in
two port mode, the speed of CLKIN is inherently that of the input
data rate. In two port mode, Pin 8 (DATACLK/PLL_ LOCK)
can be programmed (Control Register 01h, Bit 0) to function as
either a lock indicator for the internal PLL or as a clock running
at the input data rate. When Pin 8 is used as a clock output
(DATACLK), its frequency is equal to that of CLKIN. Data at
the input ports is latched into the AD9777 on the rising edge of the
CLKIN. Figure 18 shows the delay, tOD, inherent between the
rising edge of CLKIN and the rising edge of DATACLK, as well
as the setup and hold requirements for the data at Ports 1 and 2.
Note that the setup and hold times given in Figure 18 are the
input data transitions with respect to CLKIN. tOD can vary with
CLKIN speed, PLL divider setting, and interpolation rate. It is
therefore highly recommended that the input data be synchro-
nized to CLKIN rather than DATACLK when the PLL is enabled.
Note that in two port mode (PLL enabled or disabled), the data
rate at the interpolation filter inputs is the same as the input data
rate at Ports 1 and 2.
The DAC output sample rate in two port mode is equal to the
clock input rate multiplied by the interpolation rate. If zero
stuffing is used, another factor of two must be included to cal-
culate the DAC sample rate.
DATACLK Inversion
(Control Register 02h, Bit 4)
By programming this bit, the DATACLK signal shown in
Figure 18 can be inverted. With inversion enabled, tOD will
refer to the time between the rising edge of CLKIN and the
falling edge of DATACLK. No other effect on timing will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com