Electronic Components Datasheet Search
  English  ▼

X  

AD9777EB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9777EB
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777EB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9777EB Datasheet HTML 20Page - Analog Devices AD9777EB Datasheet HTML 21Page - Analog Devices AD9777EB Datasheet HTML 22Page - Analog Devices AD9777EB Datasheet HTML 23Page - Analog Devices AD9777EB Datasheet HTML 24Page - Analog Devices AD9777EB Datasheet HTML 25Page - Analog Devices AD9777EB Datasheet HTML 26Page - Analog Devices AD9777EB Datasheet HTML 27Page - Analog Devices AD9777EB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
REV. 0
–24–
AD9777
IQ PAIRING
(Control Register 02h, Bit 0)
In one port mode, the interleaved data is latched into the AD9777
internal I and Q channels in pairs. The order of how the pairs
are latched internally is defined by this control register. The
following is an example of the effect this has on incoming inter-
leaved data.
Given the following interleaved data stream, where the data
indicates the value with respect to full scale:
IQ
IQ
IQ
IQ
IQ
0.5
0.5
1
1
0.5
0.5
0
0
0.5
0.5
With the control register set to “0” (I first), the data will appear
at the internal channel inputs in the following order in time:
I channel
0.5
1
0.5
0
0.5
Q channel
0.5
1
0.5
0
0.5
With the control register set to “1” (Q first), the data will appear at
the internal channel inputs in the following order in time:
I channel
0.5
1
0.5
0
0.5
x
Q channel
y
0.5
1
0.5
0
0.5
The values x and y represent the next I value and the previous
Q value in the series.
PLL DISABLED, TWO PORT MODE
With the PLL disabled, a clock at the DAC output rate must be
applied to CLKIN. Internal clock dividers in the AD9777 syn-
thesize the DATACLK signal at Pin 8, which runs at the input
data rate and can be used to synchronize the input data. Data is
latched into input Ports 1 and 2 of the AD9777 on the rising
edge of DATACLK. DATACLK speed is defined as the speed
of CLKIN divided by the interpolation rate. With zero stuffing
enabled, this division increases by a factor of 2. Figure 21
illustrates the delay between the rising edge of CLKIN and
the rising edge of DATACLK, as well as tS and tH in this mode.
The programmable modes DATACLK inversion and DATACLK
driver strength described in the previous section (PLL Enabled,
Two Port Mode) have identical functionality with the PLL disabled.
As described earlier in the PLL-Enabled Mode section, tOD can
vary depending on CLKIN frequency and interpolation rate.
However, with the PLL disabled, the input data latches are closely
synchronized to DATACLK so that it is recommended in this
mode that the input data be timed from DATACLK, not CLKIN.
CLKIN
DATACLK
DATA AT PORTS
1 AND 2
tOD
tH
tS
tS = 5.0ns
tH = –3.2ns
(TYP SPECS)
Figure 21. Timing Requirements in Two Port
Input Mode, with PLL Disabled
PLL DISABLED, ONE PORT MODE
In one port mode, data is received into the AD9777 as an
interleaved stream on Port 1. A clock signal (ONEPORTCLK),
running at the interleaved data rate, which is 2
× the input data
rate of the internal I and Q channels is available for data syn-
chronization at Pin 32.
With PLL disabled, a clock at the DAC output rate must be applied
to CLKIN. Internal dividers synthesize the ONEPORTCLK
signal at Pin 32. The selection of the data for the I or Q channel
is determined by the state of the logic level applied to Pin 31
(IQSEL when the AD9777 is in one port mode) on the rising
edge of ONEPORTCLK. IQSEL = 1 under these conditions
will latch the data into the I channel on the clock rising edge,
while IQSEL = 0 will latch the data into the Q channel. It is
possible to invert the I and Q selection by setting Control
Register 02h, Bit 1 to the invert state (Logic “1”). Figure 22
illustrates the timing requirements for the data inputs as well as
the IQSEL input. Note that the 1
× interpolation rate is not
available in the one port mode.
One port mode is very useful when interfacing with devices
such as Analog Devices’ AD6622 or AD6623 transmit signal
processors, in which two digital data channels have been
interleaved (multiplexed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com