Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9833
Description  2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 1 Page - Analog Devices

  AD9833 Datasheet HTML 1Page - Analog Devices AD9833 Datasheet HTML 2Page - Analog Devices AD9833 Datasheet HTML 3Page - Analog Devices AD9833 Datasheet HTML 4Page - Analog Devices AD9833 Datasheet HTML 5Page - Analog Devices AD9833 Datasheet HTML 6Page - Analog Devices AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
=
+2.5 V to +5.5 V, 25 MHz Low Power
CMOSCompleteDDS
Preliminary Technical
Data
AD9833
FEATURES
+2.3 V to +5.5 V Power Supply
25 MHz Speed
Tiny 10-Pin
µµµµµSOIC Package
Serial Loading
Sinusoidal/Triangular DAC Output
Power-Down Option
Narrowband SFDR > 72 dB
20 mW Power Consumption at 3 V
APPLICATIONS
Digital Modulation
Portable Equipment
Test Equipment
DDS Tuning
Serial Interface
&
Control Logic
SCLK
SDATA
FSYNC
Control Register
PHASE1 REG
PHASE0 REG
MUX
SIN
ROM
Σ
10-Bit DAC
COMP
FullScale
Control
MUX
FREQ0 REG
MCLK
FREQ1 REG
12
On-Board
Reference
AGND
DGND
VDD
AD9833
Phase
Accumulator
(28 Bit)
Regulator
CAP/2.5V
2.5V
AVDD/
DVDD
VOUT
MUX
DIV BY
2
MSB
MUX
R
200
Ω
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
This low power DDS device is a numerically controlled
oscillator employing a phase accumulator, a SIN ROM
and a 10-bit D/A converter integrated on a single
CMOS chip. Clock rates up to 25 MHz are supported
with a power supply from +2.3 V to +5.5 V.
Capability for phase modulation and frequency modula-
tion is provided. Frequency accuracy can be controlled to
one part in 0.25 billion. Modulation is effected by loading
registers through the serial interface.
The AD9833 offers a variety of output waveforms from
the VOUT pin. The SIN ROM can be bypassed so that a
linear up/down ramp is output from the DAC.
If the SIN
ROM is not by-passed, a sinusoidal output is available.
Also, if a clock output is required, the MSB of the DAC
data can be output.
The digital section is internally operated at +2.5 V, irre-
spective of the value of VDD, by an on board regulator
which steps down VDD to +2.5 V, when VDD exceeds
+2.5 V.
The AD9833 has a power-down function (SLEEP). This
allows sections of the device which are not being used to
be powered down, thus minimising the current consump-
tion of the part e.g the DAC can be powered down when a
clock output is being generated.
The AD9833 is available in a 10-pin
µSOIC package.
PRELIMINARY TECHNICAL DATA
REV PrG 02/02
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - AD9833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
AD9833 AD-AD9833 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9833 AD-AD9833 Datasheet
423Kb / 21P
Programmable Waveform Generator
4/2018-Rev. E to Rev. F
AD9833 AD-AD9833 Datasheet
479Kb / 21P
Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
Rev. G
AD9833BRM AD-AD9833BRM Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
More results

Similar Description - AD9833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
236Kb / 20P
Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9838 AD-AD9838 Datasheet
620Kb / 32P
11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com