Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9833
Description  2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices AD9833 Datasheet HTML 12Page - Analog Devices AD9833 Datasheet HTML 13Page - Analog Devices AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices AD9833 Datasheet HTML 16Page - Analog Devices AD9833 Datasheet HTML 17Page - Analog Devices AD9833 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AD9833
–16–
REV PrG
PRELIMINARY TECHNICAL DATA
SCK idles high between write operations (CPOL = 0)
data is valid on the SCK falling edge (CPHA = 1).
When data is being transmitted to the AD9833, the
FSYNC line is taken low (PC7). Serial data from the
68HC11/68L11 is transmitted in 8-bit bytes with only 8
falling clock edges occuring in the transmit cycle. Data is
transmitted MSB first. In order to load data into the
AD9833, PC7 is held low after the first 8 bits are trans-
ferred and a second serial write operation is performed to
the AD9833. Only after the second 8 bits have been trans-
ferred should FSYNC be taken high again.
68HC11/68L11*
AD9833*
PC7
MOSI
SCK
SDATA
SCLK
FSYNC
* ADDITIONAL PINS OMITTED FOR CLARITY
Figure 10. 68HC11/68L11 to AD9833 Interface
AD9833 to 80C51/80L51 Interface
Figure 11 shows the serial interface between the AD9833
and the 80C51/80L51 microcontroller. The
microcontroller is operated in mode 0 so that TXD of the
80C51/80L51 drives SCLK of the AD9833 while RXD
drives the serial data line SDATA. The FSYNC signal is
again derived from a bit programmable pin on the port
(P3.3 being used in the diagram). When data is to be
transmitted to the AD9833, P3.3 is taken low. The
80C51/80L51 transmits data in 8 bit bytes thus, only 8
falling SCLK edges occur in each cycle. To load the re-
maining 8 bits to the AD9833, P3.3 is held low after the
first 8 bits have been transmitted and a second write op-
eration is initiated to transmit the second byte of data.
P3.3 is taken high following the completion of the second
write operation. SCLK should idle high between the two
write operations. The 80C51/80L51 outputs the serial
data in a format which has the LSB first.
The AD9833
accepts the MSB first (the 4 MSBs being the control in-
formation, the next 4 bits being the address while the 8
LSBs contain the data when writing to a destination regis-
ter). Therefore, the transmit routine of the 80C51/80L51
must take this into account and re-arrange the bits so that
the MSB is output first.
80C51/80L51*
AD9833*
P3.3
RXD
TXD
SDATA
SCLK
FSYNC
* ADDITIONAL PINS OMITTED FOR CLARITY
Figure 11. 80C51/80L51 to AD9833 Interface
AD9833 to DSP56002 Interface
Figure 12 shows the interface between the AD9833 and
the DSP56002. The DSP56002 is configured for normal
mode asynchronous operation with a Gated internal clock
(SYN = 0, GCK = 1, SCKD = 1). The frame sync pin is
generated internally (SC2 = 1), the transfers are 16 bits
wide (WL1 = 1, WL0 = 0) and the frame sync signal will
frame the 16 bits (FSL = 0). The frame sync signal is
available on pin SC2 but, it needs to be inverted before
being applied to the AD9833. The interface to the
DSP56000/DSP56001 is similar to that of the DSP56002.
DSP56002*
AD9833*
SC2
STD
SCK
SDATA
SCLK
FSYNC
* ADDITIONAL PINS OMITTED FOR CLARITY
Figure 12. AD9833 to DSP56002 Interface
AD9833 EVALUATION BOARD
The AD9833 Evaluation Board allows designers to evalu-
ate the high performance AD9833 DDS modulator with
minimum of effort.
To prove that this device will meet the user's waveform
synthesis requirements, the user only require's a power-
supply, an IBM-compatible PC and a spectrum analyser
along with the evaluation board.
The DDS evaluation kit includes a populated, tested
AD9833 printed circuit board. The evaluation board in-
terfaces to the parallel port of an IBM compatible PC.
Software is available with the evaluation board which al-
lows the user to easily program the AD9833. A schematic
of the Evaluation board is shown in Figure 13. The soft-
ware will run on any IBM compatible PC which has
Microsoft Windows95, Windows98 or Windows ME 2000
NT™ installed.
Using the AD9833 Evaluation Board
The AD9833 Evaluation kit is a test system designed to
simplify the evaluation of the AD9833. An application
note is also available with the evaluation board and gives
full information on operating the evaluation board.
Prototyping Area
An area is available on the evaluation board for the user to
add additional circuits to the evaluation test set. Users
may want to build custom analog filters for the output or
add buffers and operational amplifiers to be used in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com