Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9833
Description  2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices AD9833 Datasheet HTML 12Page - Analog Devices AD9833 Datasheet HTML 13Page - Analog Devices AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AD9833
– 11–
REV PrG
PRELIMINARY TECHNICAL DATA
The Frequency and Phase Resisters
The AD9833 contains 2 frequency registers and 2 phase
registers. These are described in Table 3 below.
Table 3. Frequency/Phase Registers
Register
Size
Description
FREQ0
28 Bits Frequency Register 0. When the
FSELECT bit = 0, this register
defines the output frequency as a
fraction of the MCLK frequency.
FREQ1
28 Bits Frequency Register 1. When the
FSELECT bit = 1, this register
defines the output frequency as a
fraction of the MCLK frequency.
PHASE0
12 Bits Phase Offset Register 0. When the
PSELECT bit = 0, the contents of
this register are added to the output
of the phase accumulator.
PHASE1
12 Bits Phase Offset Register 1. When the
PSELECT bit = 1, the contents of
this register are added to the output
of the phase accumulator.
The analog output from the AD9833 is
fMCLK/2
28 x FREQREG
where FREQREG is the value loaded into the selected
frequency register. This signal will be phase shifted by
2
π/4096 x PHASEREG
where PHASEREG is the value contained in the selected
phase register.
The flow chart in Figure 8 shows the routine for writing
to the frequency and phase registers of the AD9833.
Writing to a Frequency Register:
When writing to a frequency register, bits D15 and D14
give the address of the frequency register.
Table 4. Frequency Register Bits
D15
D14
D13
D 0
0
1
MSB
14 FREQ0 REG BITS
LSB
1
0
MSB
14 FREQ1 REG BITS
LSB
If the user wishes to alter the entire contents of a fre-
quency register, two consecutive writes to the same
address must be performed, as the frequency registers are
28 bits wide. The first write will contain the 14 LSBs
while the second write will contain the 14 MSBs. For this
mode of operation, the control bit B28 (D13) should be
set to 1. An example of a 28-bit write is shown in Table 5.
Table 5: Writing 3FFF0000 to FREQ0 REG
SDATA input
Result of input word
0010 0000 0000 0000
Control word write (D15, D14 = 00);
B28 (D13) = 1; HLB (D12) = X
0100 0000 0000 0000
FREQ0 REG write (D15, D14 = 01);
14 LSBs = 0000
0111 1111 1111 1111
FREQ0 REG write (D15, D14 = 01);
14 MSBs = 3FFF
In some applications, the user does not need to alter all 28
bits of the frequency register.
With coarse tuning, only
the 14 MSBs are altered while with fine tuning, only the
14 LSBs are altered. By setting the control bit B28 (D13)
to 0, the 28-bit frequency register operates as 2 14-bit
registers, one containing the 14 MSBs and the other con-
taining the 14 LSBs. This means that the 14 MSBs of the
frequency word can be altered independent of the 14 LSBs
and vice versa. Bit HLB (D12) in the control register
identifies which 14 bits are being altered. Examples of this
are shown below.
Table 6: Writing 3FFF to the 14 LSBs of FREQ1 REG
SDATA input
Result of input word
0000 0000 0000 0000
Control word write (D15, D14 = 00);
B28 (D13) = 0; HLB (D12) = 0, i.e. LSBs
1011 1111 1111 1111
FREQ1 REG write (D15, D14 = 10);
14 LSBs = 3FFF
Table 7: Writing 3FFF to the 14 MSBs of FREQ0 REG
SDATA input
Result of Input word
0001 0000 0000 0000
Control word write (D15, D14 = 00);
B28 (D13) = 0; HLB (D12) = 1, i.e. MSBs
0111 1111 1111 1111
FREQ0 REG write (D15, D14 = 01);
14 MSBs = 3FFF
Writing to a Phase Register:
When writing to a phase register, bits D15 and D14 are
set to 11. Bit D13 identifies which phase register is being
loaded.
Table 8. Phase Register Bits
D15 D14
D13
D12
D11
D 0
1
1
0
X
MSB
12 PHASE0 BITS
LSB
1
1
1
X
MSB
12 PHASE1 BITS
LSB
The RESET Function
The RESET function resets appropriate internal registers
to zero to provide an analog output of midscale. RESET
does not reset the phase, frequency or control registers.
When the AD9833 is powered up, the part should be re-
set. To reset the AD9833, set the RESET bit to 1. To
take the part out of reset, set the bit to 0. A signal will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com