Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9833
Description  2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices AD9833 Datasheet HTML 12Page - Analog Devices AD9833 Datasheet HTML 13Page - Analog Devices AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices AD9833 Datasheet HTML 16Page - Analog Devices AD9833 Datasheet HTML 17Page - Analog Devices AD9833 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AD9833
–14–
REV PrG
PRELIMINARY TECHNICAL DATA
Figure 7. Initialisation
Figure 6. Flow Chart for AD9833 Initialisation and Operation
WAIT 7/8 MCLK
CYCLES
VOUT = VREF * 18 * RLOAD/RSET * (1+ (SIN(2p(FREQREG * FMCLK * t/2
28 + PHASEREG/212)))
DAC OUTPUT
DATA WRITE
SELECT DATA
SOURCES
INITIALISATION
See Figure 7 below
CHANGE PHASE?
CHANGE FREQUENCY?
CHANGE
FSELECT?
CHANGE FREQ
REGISTER?
CHANGE DAC OUTPUT
FROM SIN TO RAMP?
CONTROL
REGISTER
WRITE
(see Table 11)
CHANGE OUTPUT TO
A DIGITAL SIGNAL?
CHANGE
PSELECT?
CHANGE PHASE
REGISTER?
See Figure 8 below
NO
NO
NO
NO
NO
YES
YES
YES
YES
YES
YES
YES
NO
YES
INITIALISATION
APPLY RESET
WRITE TO FREQUENCY AND PHASE REGISTERS
FREQ0 REG = FOUT0 / fMCLK * 2
28
FREQ1 REG = FOUT1 / fMCLK * 2
28
PHASE 0 & PHASE1 REG = (PhaseShift * 212) / 2p
(See Figure 8)
SET RESET = 0
SELECT FREQUENCY REGISTERS
SELECT PHASE REGISTERS
(CONTROL REGISTER WRITE)
RESET bit = 0
FSELECT = Selected Freq Register
PSELECT = Selected Phase Register
(CONTROL REGISTER WRITE)
RESET = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com