Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9852 Datasheet HTML 6Page - Analog Devices AD9852 Datasheet HTML 7Page - Analog Devices AD9852 Datasheet HTML 8Page - Analog Devices AD9852 Datasheet HTML 9Page - Analog Devices AD9852 Datasheet HTML 10Page - Analog Devices AD9852 Datasheet HTML 11Page - Analog Devices AD9852 Datasheet HTML 12Page - Analog Devices AD9852 Datasheet HTML 13Page - Analog Devices AD9852 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
AD9852
–10–
REV. 0
Figures 14 and 15 show the effects of utilizing “sweet spots” in the tuning range of a DDS. Figure 14 represents a tuning word that
accentuates the aberrations associated with truncation in the DDS algorithm. Figure 15 is essentially the same output frequency (a few
tuning codes over), but it displays much fewer spurs on the output due to the selection of a tuning “sweet spot.” Consideration
should be given to all DDS applications to exploit the benefit of sweet spot tuning.
0
CENTER 112.499MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
50kHz/
SPAN 500kHz
Figure 14. The Opposite of a “Sweet Spot.” 112.469 MHz
with multiple high energy spurs close around the
fundamental.
0
CENTER 112.469MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
50kHz/
SPAN 500kHz
Figure 15. A slight change in tuning word yields
dramatically better results. 112.499 MHz with all
spurs shifted out-of-band.
Figures 16 and 17 show the narrowband performance of the AD9852 when operating with a 20 MHz reference clock and the
REFCLK Multiplier enabled at 10
× vs. a 200 MHz external reference clock.
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 16. Narrowband SFDR, 39.1 MHz, 50 kHz BW,
200 MHz EXTCLK with REFCLK Multiplier Bypassed
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 17. Narrowband SFDR, 39.1 MHz, 50 kHz BW,
10 MHz EXTCLK with REFCLK Multiplier = 10
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com