Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9852 Datasheet HTML 15Page - Analog Devices AD9852 Datasheet HTML 16Page - Analog Devices AD9852 Datasheet HTML 17Page - Analog Devices AD9852 Datasheet HTML 18Page - Analog Devices AD9852 Datasheet HTML 19Page - Analog Devices AD9852 Datasheet HTML 20Page - Analog Devices AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices AD9852 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AD9852
–19–
REV. 0
Parallel register addresses 1A–1C hex comprise the 20-bit “Ramp
Rate Clock” registers. This is a count-down counter that outputs a
single pulse whenever the count reaches zero. The counter is
activated any time a logic level change occurs on FSK input
Pin 29. This counter is run at the System Clock Rate, 300 MHz
maximum. The time period between each output pulse is given as
(N+1)
× (SYSTEM CLOCK PERIOD)
where N is the 20-bit ramp rate clock value programmed by the
user. Allowable range of N is from 1 to (2
20 –1). The output of
this counter clocks the 48-bit Frequency Accumulator shown be-
low in Figure 39. The Ramp Rate Clock determines the amount
of time spent at each intermediate frequency between F1 and F2.
The counter stops automatically when the destination frequency
is achieved. The “dwell time” spent at F1 and F2 is determined
by the duration that the FSK input, Pin 29, is held high or low
after the destination frequency has been reached.
FREQUENCY
TUNING
WORD 1
20-BIT
RAMP RATE
CLOCK
48-BIT DELTA-
FREQUENCY
WORD
FREQUENCY
ACCUMULATOR
PHASE
ACCUMULATOR
OUT
ADDER
FSK
(PIN 29)
SYSTEM
CLOCK
FREQUENCY
TUNING
WORD 2
Figure 39. Block Diagram of Ramped FSK Function
Parallel register addresses 10–15 hex comprise the 48-bit, straight
binary, “Delta Frequency Word” registers. This 48-bit word
is accumulated (added to the accumulator’s output) every time
it receives a clock pulse from the ramp rate counter. The output
of this accumulator is then added to or subtracted from the F1
or F2 frequency word, which is then fed to the input of the 48-bit
Phase Accumulator that forms the numerical phase steps for the
sine and cosine wave outputs. In this fashion, the output frequency
F1
F2
0
MODE
TW1
TW2
FSK DATA
010 (RAMPED FSK)
F1
F2
000 (DEFAULT)
0
0
Figure 38. Ramped FSK Mode
is ramped up and down in frequency, according to the logic-
state of Pin 29. The rate at which this happens is a function of
the 20-bit ramp rate clock. Once the destination frequency is
achieved, the ramp rate clock is stopped, which halts the frequency
accumulation process.
Generally speaking, the Delta Frequency Word will be a much
smaller value as compared to that of the F1 or F2 tuning word.
For example, if F1 and F2 are 1 kHz apart at 13 MHz, the Delta
Frequency Word might be only 25 Hz.
Figure 41 shows that premature toggling causes the ramp to
immediately reverse itself and proceed at the same rate and resolu-
tion back to originating frequency.
The control register contains a Triangle bit at parallel register
address 1F hex. Setting this bit high in Mode 010 causes an
automatic ramp-up and ramp-down between F1 and F2 to occur
without having to toggle Pin 29 as shown in Figure 40. In fact,
the logic state of Pin 29 has no effect once the Triangle bit is set
high. This function uses the ramp-rate clock time period and the
delta-frequency-word step size to form a continuously sweeping
linear ramp from F1 to F2 and back to F1 with equal dwell times
at every frequency. Using this function, one can automatically
sweep from dc to the Nyquist limit or any other two frequencies
between dc and Nyquist.
F1
F2
0
MODE
TW1
TW2
FSK DATA
TRIANGLE
BIT
010 (RAMPED FSK)
F1
F2
Figure 40. Effect of Triangle Bit in Ramped FSK Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com