Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9852 Datasheet HTML 12Page - Analog Devices AD9852 Datasheet HTML 13Page - Analog Devices AD9852 Datasheet HTML 14Page - Analog Devices AD9852 Datasheet HTML 15Page - Analog Devices AD9852 Datasheet HTML 16Page - Analog Devices AD9852 Datasheet HTML 17Page - Analog Devices AD9852 Datasheet HTML 18Page - Analog Devices AD9852 Datasheet HTML 19Page - Analog Devices AD9852 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
AD9852
–16–
REV. 0
Table I. REFCLK Multiplier Control Register Values
Multiplier Value
Ref Mult 4
Ref Mult 3
Ref Mult 2
Ref Mult 1
Ref Mult 0
400100
500101
600110
700111
801000
901001
10
01010
11
01011
12
01100
13
01101
14
01110
15
01111
16
10000
17
10001
18
10010
19
10011
20
10100
The REFCLK Multiplier function can be bypassed to allow
direct clocking of the AD9852 from an external clock source.
The system clock for the AD9852 is either the output of the
REFCLK Multiplier (if it is engaged) or the REFCLK inputs.
REFCLK may be either a single-ended or differential input by
setting Pin 64, DIFF CLK ENABLE, low or high respectively.
PLL Range Bit
The PLL Range Bit selects the frequency range of the REFCLK
Multiplier PLL. For operation from 200 MHz to 300 MHz
(internal system clock rate) the PLL Range Bit should be set to
Logic 1. For operation below 200 MHz, the PLL Range Bit
should be set to Logic 0. The PLL Range Bit adjusts the PLL
loop parameters for optimized phase noise performance within
each range.
Pin 61, PLL FILTER
This pin provides the connection for the external zero compen-
sation network of the PLL loop filter. The zero compensation
network consists of a 1.3 k
Ω resistor in series with a 0.01 µF
capacitor. The other side of the network should be connected to
as close as possible to Pin 60, AVDD. For optimum phase noise
performance the clock multiplier can be bypassed by setting the
“Bypass PLL” bit in control register address 1E.
Differential REFCLK Enable
A high level on this pin enables the differential clock Inputs,
REFCLOCK and REFCLOCKB (Pins 69 and 68 respec-
tively). The minimum differential signal amplitude required
is 800 mV p-p. The centerpoint or common-mode range of the
differential signal can range from 1.6 V to 1.9 V.
When Pin 64 (DIFF CLK ENABLE) is tied low, REFCLK
(Pin 69) is the only active clock input. This is referred to as
the single-ended mode. In this mode, Pin 68 (REFCLKB) should
be tied low or high, but not left floating.
Parallel/ Serial Programming Mode
Setting Pin 70 high invokes parallel mode, whereas setting Pin
70 low will invoke the serial programming mode. Please refer
to the text describing the serial and parallel programming
protocol contained in this data sheet for further information.
Two control bits located at address 20 hex in the Table V apply
only to the serial programming mode. LSB First when high,
dictates that serial data will be loaded starting with the LSB of
the word. When low (the default value), serial data is loaded
starting with the MSB of the word. SDO Active when high
indicates that the SDO pin, Pin 18, is dedicated to reading back
data from the AD9852 registers. When SDO Active is low
(default value), this indicates that the SDIO pin, Pin 19, acts
as a bidirectional serial data input and output pin and Pin 18
has no function in the serial mode.
DESCRIPTION OF AD9852 MODES OF OPERATION
There are five programmable modes of operation of the AD9852.
Selecting a mode requires that three bits in the Control Register
(parallel address 1F hex) be programmed as follows in Table II.
Table II. Mode Selection Table
Mode 2
Mode 1
Mode 0
Result
0
0
0
SINGLE-TONE
0
0
1
FSK
0
1
0
RAMPED FSK
0
1
1
CHIRP
1
0
0
BPSK
In each mode, engaging certain functions may or may not be
permitted. Shown in Table III is a listing of some important
functions and their availability for each mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com