Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9852 Datasheet HTML 31Page - Analog Devices AD9852 Datasheet HTML 32Page - Analog Devices AD9852 Datasheet HTML 33Page - Analog Devices AD9852 Datasheet HTML 34Page - Analog Devices AD9852 Datasheet HTML 35Page - Analog Devices AD9852 Datasheet HTML 36Page - Analog Devices AD9852 Datasheet HTML 37Page - Analog Devices AD9852 Datasheet HTML 38Page - Analog Devices AD9852 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AD9852
–35–
REV. 0
and complementary output paths of the sine DAC to remove
images and aliased harmonics and other spurious signals above
approximately 120 MHz. These signals will appear as nearly pure
sine waves and exactly 180 degrees out-of-phase with each other.
Again, if the system clock utilized is much less than 300 MHz, for
example, 200 MHz, unwanted DAC products other than the
fundamental signal will be passed by the low-pass filters.
1. Install shorting jumpers at W7 and W10.
2. Install shorting jumper at W16.
3. Install shorting jumper on Pins 2 and 3 (top two pins) of 3-
pin header W1.
4. Install shorting jumper on Pins 2 and 3 (top two pins) of 3-
pin header W4.
5. Install shorting jumper on Pins 1 and 2 (top two pins) of 3-
pin header W2 and W8.
Connecting the High-Speed Comparator in a Single-Ended
Configuration
This will allow duty cycle or pulsewidth control and requires
that a dc threshold voltage be present at one of the comparator
inputs. You may supply this voltage using the control DAC. A
12-bit, twos-complement value is written to the control DAC
register that will set the IOUT2 output to a static dc level.
Allowable hexadecimal values are 7FF (maximum) to 800
(minimum) with all 0s being midscale. The IOUT1 channel will
continue to output a filtered sine wave programmed by the user.
These two signals are routed to the comparator inputs using
W2 and W8 3-pin header switches. The configuration described
above entitled “Observing the Filtered IOUT1 and the Filtered
IOUT2” must be used. Follow steps 1 through 4 above and
then the following Step 5.
5. Install shorting jumper on Pins 2 and 3 (bottom two pins) of
3-pin header W2 and W8
User should elect to change the RSET resistor from 3900
Ω to
1950
Ω to obtain a more robust signal at the comparator inputs.
This will decrease jitter and extend comparator operating range.
User can accomplish this by soldering a second 3.9 k
Ω chip
resistor in parallel with the provided R2.
USING THE CONTROL SOFTWARE
The control software for the AD9852/PCB evaluation board is
provided on a CD. This brief set of instructions should be used
in conjunction with the AD9852/PCB evaluation board schematic.
Several numerical entries, such as frequency and phase infor-
mation, require that the ENTER key by pressed to register
that information.
1. Select the proper printer port. Click the “Parallel Port”
selection in the menu bar. Select the port that matches your
PC. If unknown, experiment by performing the following on
the selected port. With the part powered up, properly clocked
and connected to the PC, select a port and go to the “Mode
and Frequency” menu and click the “Reset DUT and Initialize
Registers” button. Then go to the “Clock and Amplitude”
menu. Once there, click the box next to “Bypass Inverse Sinc
Filter” . . . a check mark will appear in the box . . . next click
the button “Send Control Info to DUT.” If the proper port
has been selected, the supply current going to the AD9852/
PCB evaluation board should drop by approximately 1/3 when
the inverse sinc filters are bypassed. Conversely, the supply
current will increase approximately 1/3 when the inverse sinc
filters are engaged.
2. Normal operation of the AD9852/PCB evaluation board
begins with a master reset. Many of the default register values
after reset are depicted in the software “control panel.” The
reset command sets the DDS output amplitude to minimum
and 0 Hz, 0 phase-offset as well as other states listed in the
AD9852 Register Layout table in the preliminary data sheet.
3. The next programming block should be the “Reference Clock
and Multiplier” since this information is used to determine
the proper 48-bit frequency tuning words that will be entered
and calculated later.
4. The output amplitude defaults to the 12-bit straight binary
multiplier values of the I and Q multiplier registers of 000hex
and no output should be seen from the DACs. User should
now set both multiplier amplitudes in the Output Amplitude
window to a substantial value, such as FFFhex. You may
bypass the digital multiplier by clicking the box “Output
Amplitude is always Full-Scale” but experience has shown
that doing so does not result in best SFDR It is interesting
to note that best SFDR, as much as 11 dB better, is obtained
by routing the signal through the digital multiplier and “backing
off” on the multiplier amplitude. For instance, FC0 hex
produces less spurious signal amplitude than FFF hex. Its a
repeatable phenomenon that should be investigated exploited
for maximum SFDR (spurious-free dynamic range).
5. Refer to this data sheet and evaluation board schematic to
understand all the functions of the AD9852 available to the
user and to gain an understanding of what the software is
doing in response to programming commands.
Applications assistance is available for the AD9852, the
AD9852/PCB evaluation board, and all other Analog Devices
products. Please call 1/800-ANALOGD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com