Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9852 Datasheet HTML 19Page - Analog Devices AD9852 Datasheet HTML 20Page - Analog Devices AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices AD9852 Datasheet HTML 23Page - Analog Devices AD9852 Datasheet HTML 24Page - Analog Devices AD9852 Datasheet HTML 25Page - Analog Devices AD9852 Datasheet HTML 26Page - Analog Devices AD9852 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
AD9852
–23–
REV. 0
4. Continue chirp by reversing direction and returning to the
previous, or another, destination frequency in a linear or user-
directed manner. If this involves going down in frequency, a
negative 48-bit Delta Frequency Word (the MSB is set to “1”)
must be loaded into registers 10–15 hex. Any decreasing fre-
quency step of the Delta Frequency Word requires the MSB to
be set to logic high.
5. Continue chirp by immediately returning to the F1 beginning
frequency in a sawtooth fashion and repeat the previous chirp
process again. This is where CLR ACC1 control bit is used.
An automatic, repeating chirp can be setup using the 32-bit
Update Clock to issue CLR ACC1 commands at precise time
intervals. Adjusting the timing intervals or changing the Delta
Frequency Word will change the chirp range. It is incumbent
upon the user to balance the chirp duration and frequency
resolution to achieve the proper frequency range.
BPSK (Mode 100)
Binary, biphase, or bipolar phase shift keying is a means to rapidly
select between two preprogramming 14-bit output phase offsets
that will identically affect both the I and Q outputs of the AD9852.
The logic-state of Pin 29, BPSK pin, controls the selection of
Phase Adjust register number 1 or 2. When low, Pin 29 selects
HOLD
F1
0
MODE
TW1
DFW
000 (DEFAULT)
0
RAMP RATE
011 (CHIRP)
F1
DELTA FREQUENCY WORD
RAMP RATE
Figure 47. Illustration of HOLD Function
Phase Adjust register 1; when high, Phase Adjust register 2 is
selected. Figure 48 illustrates phase changes made to four cycles
of an output carrier.
Basic BPSK programming steps:
1. Program a carrier frequency into Frequency Tuning Word 1.
2. Program appropriate 14-bit phase words in Phase Adjust
registers 1 and 2.
3. Attach BPSK data source to Pin 29.
4. Activate I/O Update pulse when ready.
If phase shift keying is not the objective, but rather a broader
range of phase offsets is needed, the user should select the Single-
Tone mode and program Phase Adjust register 1 using the serial or
high-speed parallel programming bus.
I/O Port Buffers—100 MHz, 8-bit parallel or 10 MHz serial
loading, SPI-compatible. The programming mode is selected
externally via the serial/parallel (S/P Select) pin. I/O Buffers can
be written to, or read from, according to the signals supplied to
the Read (RDB) and Write pins (WRB) and the 6-bit address
(A0–A5) in the parallel mode or to CSB, SCLK and SDIO pins
in the Serial mode.
BPSK DATA
360
0
MODE
FTW1
PHASE ADJUST 1
000 (DEFAULT)
0
PHASE ADJUST 2
100 (BPSK)
F1
270 DEGREES
90 DEGREES
PHASE AFTER
ONSET
PHASE BEFORE
ONSET
Figure 48. BPSK Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com