Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9852 Datasheet HTML 20Page - Analog Devices AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices AD9852 Datasheet HTML 23Page - Analog Devices AD9852 Datasheet HTML 24Page - Analog Devices AD9852 Datasheet HTML 25Page - Analog Devices AD9852 Datasheet HTML 26Page - Analog Devices AD9852 Datasheet HTML 27Page - Analog Devices AD9852 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
AD9852
–24–
REV. 0
Data in the I/O Port Buffers is stored until overwritten by changes
in program instructions supplied by the user or until power is
removed. An I/O Update clocks-in the data from the I/O Buffers
to the DDS Programming Registers where it is executed.
AM—amplitude modulation of the sine DACs is possible using
the I/O port to control 12-bit digital multiplier stages that precede
the DACs. The multipliers can also be used to set the DAC
outputs between zero- and full-scale for static amplitude adjust-
ment. See the “Shaped On/Off Keying” description for more
information. Shaped keying function does not apply to the
Control DAC.
High-Speed Comparator—optimized for high speed, >300 MHz
toggle rate, low jitter, sensitive input, built-in hysteresis and
an output level of 1 V p-p minimum into 50
Ω or CMOS logic
levels into high impedance loads. The comparator can be sepa-
rately powered down to conserve power. This comparator is
used in “clock generator” applications to square up a bandpass
or low-pass filtered sine wave.
Eight-Bit Ramp Rate Clock—when Shaped On/Off Keying is
engaged, this down-counter takes the system clock (300 MHz
maximum), and divides it by an 8-bit binary value (programmed
by the user) to produce a user-defined clock. The clock outputs
one pulse every time the counter counts down to zero. This clock is
used to set the rate-of-change of the 12-bit digital multipliers of
the I and Q DACs to perform an output shaping function.
Twenty-Bit Ramp Rate Clock—when selected, this down-
counter takes the system clock (300 MHz maximum) and
divides it by a 20-bit binary value (programmed by the user) to
produce a user-defined clock. The clock outputs one pulse every
time the counter counts down to zero. This clock is used to
set the rate-of-frequency-change of the ramped FSK or FM
Chirp modes.
Forty-Eight-Bit Delta Frequency Register—is used only in
the Chirp and ramped-FSK modes. This register is loaded with a
48-bit word that represents the frequency increment value of
Frequency Accumulator (ACCU 1) whose output will be added
to a frequency that is set in either F1 or F2 frequency registers.
This register is periodically incremented at a rate set by the
20-bit ramp rate clock (150 MHz maximum).
Forty-Eight-Bit Delta Frequency Register—is programmed
with a 48-bit Frequency Tuning Word that is input to the 48-bit
Phase Accumulator (ACCU 2) and determines the output fre-
quency of the DDS in the single-tone mode. When ramped-FSK
or Chirp are selected, this register is sent to a digital adder where
it is summed with the output of ACCU 1 before being input
to ACCU 2. Therefore, the signal sent to ACCU 2 may be
either static or changing at a rate of up to 150 million 48-bit
frequency tuning words per second.
Power-Down—Several individual stages, when not needed,
can be powered down to reduce power consumption via the
programming registers while still maintaining functionality of
desired stages. These stages are identified in the Register Layout
table, address 1D hex. Power-down is achieved by setting the
specified bits to logic high. A logic low indicates that the stages are
powered up.
Furthermore, and perhaps most significantly, two intensely digital
stages, the Inverse Sinc filters and the Digital Multiplier stages,
can be bypassed to achieve significant power reduction through
programming of the control registers in address 20 hex. Again,
logic high will cause the stage to be bypassed. Of particular
importance is the Inverse Sinc filter as this stage consumes a
significant amount of power.
A full power-down occurs when all four
PD Bits in control
register 1D hex are set to logic high. This reduces power
consumption to approximately 10 mW (3 mA).
Master RESET—logic high active, must be held high for a
minimum of 10 system clock cycles. This causes the communi-
cations bus to be initialized and loads default values listed in the
Table V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com