Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9852 Datasheet HTML 30Page - Analog Devices AD9852 Datasheet HTML 31Page - Analog Devices AD9852 Datasheet HTML 32Page - Analog Devices AD9852 Datasheet HTML 33Page - Analog Devices AD9852 Datasheet HTML 34Page - Analog Devices AD9852 Datasheet HTML 35Page - Analog Devices AD9852 Datasheet HTML 36Page - Analog Devices AD9852 Datasheet HTML 37Page - Analog Devices AD9852 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
AD9852
–34–
REV. 0
Attach power wires to connector labeled “TB1” using the screw-
down terminals. This is a plastic connector that press-fits over a
4-pin header soldered to the board. Table IX below shows con-
nections to each pin. DUT = “device under test.”
Table IX. Power Requirements for DUT Pins
AVDD 3.3 V
DVDD 3.3 V
VCC 3.3 V
Ground
for All DUT
for All DUT
for All Other
—for All
Analog Pins
Digital Pins
Devices
Devices
Attach REFCLK
There are three possibilities to choose from:
1. On-Board (But Optional) Crystal Clock Oscillator, Y1.
Insert an appropriate 3.3 V CMOS clock oscillator. See that
the shorting jumper at W5 is located on Pins 1 and 2 (the left
two pins). This routes the single-ended oscillator output to a
very high speed “Differential Receiver” (the MC100LVEL16),
where the signal is transformed to a differential PECL output.
To route the differential output signals to AD9852, two more
switches must be configured. W9 must have a shorting jumper
on Pins 2 and 3 (the right two pins). To engage the differen-
tial clocking mode of the AD9852 W3, Pins 2 and 3 (the right
two pins) must be connected with a shorting jumper.
2. External Differential Clock Input, J5.
This is actually just another single-ended input that will be
routed to the MC100LVEL16 for conversion to differential
PECL output. This is accomplished by attaching a 2 V p-p
clock or sine wave source to J5. Note that this is a 50
Ω
impedance point set by R8. The input signal will be ac-
coupled and then biased to the center switching threshold
of the MC100LVEL16. Position the shorting jumper of W5
to Pins 2 and 3 (the right two pins) to route the signal at J5
to the differential receiver IC. To route the differential output
signals to AD9852, two more switches must be configured.
W9 must have a shorting jumper on Pins 2 and 3 (the right
two pins). To engage the differential clocking mode of the
AD9852 W3, Pins 2 and 3 (the right two pins) must be
connected with a shorting jumper.
3. External Single-Ended Clock Input, J7.
This mode bypasses the MC100LVEL16 and directly drives
the AD9852 with your reference clock. Attach a 50
Ω, 2 V p-p
sine source that is dc offset to 1.65 V, or a 50
Ω CMOS-level
clock source to J7. Remove the shorting jumper from W5
altogether to make certain that the device (U3) is not Toggling
or Self-Oscillating. Set the shorting jumper at W9 on Pins 1
and 2 (the left two pins) to route the REFCLK signal from J7
to Pin 69 of the AD9852. Finally, set the shorting jumper at
W3 to Pins 1 and 2 (the left two pins) to place the AD9852
in the single-ended clock mode.
Regardless of the origination, the signals arriving at the AD9852
are called the Reference Clock. If you choose to engage the
on-chip REFCLK Multiplier, this signal is the reference clock
for the REFCLK Multiplier and the REFCLK Multiplier output
becomes the SYSTEM CLOCK. If you choose to bypass the
REFCLK Multiplier, the reference clock that you have supplied is
directly operating the AD9852 and is, therefore, the system clock.
Three-state control or switch headers W11, W12, W14, and
W15 must be shorted to allow the provided software to control
the AD9852 evaluation board via the printer port connector J11.
If programming of the AD9852 is not to be provided by the host
PC via the ADI software, then headers W11, W12, W14, and W15
should be opened (shorting jumpers removed). This effectively
detaches the PC interface and allows the 40-pin header, J10, to
assume control without bus contention. Input signals on J10 going
to the AD9852 should be 3.3 V CMOS logic levels.
Low-Pass Filter Testing
The purpose of 2-pin headers W7 and W10 (associated with J1
and J2) are to allow the two 50
Ω, 120 MHz filters to be tested
during PCB assembly without interference from other circuitry
attached to the filter inputs. Normally, a shorting jumper will be
attached to each header to allow the DAC signals to be routed to the
filters. If the user wishes to test the filters, the shorting jumpers
at W7 and W10 should be removed and 50
Ω test signals applied
at J1 and J2 inputs to the 50
Ω elliptic filters. User should refer
to Figure 62 and the following sections to properly position the
remaining shorting jumpers.
Observing the Unfiltered IOUT1 and the Unfiltered IOUT2
DAC Signals
This allows the viewer to observe the unfiltered DAC outputs at
J2 (the “I” signal) and J1 (the “Q” signal). The procedure below
simply routes the two 50
Ω terminated analog DAC outputs to
the BNC connectors and disconnects any other circuitry. The
“raw” DAC outputs will be a series of quantized (stepped) output
levels. The default 10 mA output current will develop a 0.5 V p-p
signal across the on-board 50
Ω termination. When connected
to an external 50
Ω input, the DAC will therefore develop 0.25 V p-p
due to the double termination.
1. Install shorting jumpers at W7 and W10.
2. Remove shorting jumper at W16.
3. Remove shorting jumper from 3-pin header W1.
4. Install shorting jumper on Pins 1 and 2 (bottom two pins) of
3-pin header W4.
Observing the Filtered IOUT1 and the Filtered IOUT2
This allows viewer to observe the filtered sine DAC and control
DAC outputs at J4 (the sine signal) and J3 (the control DAC
signal). This places the 50
Ω (input and output Z) low-pass
filters in the I and Q DAC pathways to remove images and
aliased harmonics and other spurious signals above the dc to
approximately 120 MHz bandpass. These filters are designed
with the assumption that the system clock speed is at or near
maximum (300 MHz). If the system clock utilized is much less
than 300 MHz, for example, 200 MHz, unwanted DAC products
other than the fundamental signal will be passed by the low-
pass filters.
1. Install shorting jumpers at W7 and W10.
2. Install shorting jumper at W16.
3. Install shorting jumper on Pins 1 and 2 (bottom two pins) of
3-pin header W1.
4. Install shorting jumper on Pins 1 and 2 (bottom two pins) of
3-pin header W4.
5. Install shorting jumper on Pins 1 and 2 (top two pins) of 3-
pin header W2 and W8.
Observing the Filtered IOUT and the Filtered IOUTB
This allows viewer to observe only the filtered sine DAC
outputs at J4 (the “true” signal) and J3 (the “complementary”
signal). This places the 120 MHz low-pass filters in the true



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com