Electronic Components Datasheet Search
  English  ▼

X  

AD9852 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9852 Datasheet HTML 26Page - Analog Devices AD9852 Datasheet HTML 27Page - Analog Devices AD9852 Datasheet HTML 28Page - Analog Devices AD9852 Datasheet HTML 29Page - Analog Devices AD9852 Datasheet HTML 30Page - Analog Devices AD9852 Datasheet HTML 31Page - Analog Devices AD9852 Datasheet HTML 32Page - Analog Devices AD9852 Datasheet HTML 33Page - Analog Devices AD9852 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
AD9852
–30–
REV. 0
Power-Down Functions
Four bits are available to power down the AD9852. Each bit is
active high, that is, they default low and a Logic 1 causes the
power-down function to be working, The four bits all reside in
the same control byte such that one IO write cycle can complete
a full power-down by writing all four bits true simultaneously.
The four bits are located in Control Register [28, 26:24] and
are described below. The default state for these bits is Logic 0,
inactive.
CR[31:29] are open.
CR[28] is the comparator power-down bit. When set (Logic 1),
this signal indicates to the comparator that a power-down mode
is active.
CR[27] must always be written to logic zero. Writing this bit to
Logic 1 causes the AD9852 to stop working until a master reset
is applied.
CR[26] is the Control DAC power-down bit. When set (Logic
1), this signal indicates to the Control DAC that a power-down
mode is active.
CR[25] is the full DAC power-down bit. When set (Logic 1), this
signal indicates to both the cosine and Control DACs, as well as
the reference, that a power-down mode is active.
CR[24] is the digital power-down bit. When set (Logic 1), this
signal indicates to the digital section that a power-down mode is
active. Within the digital section, the clocks will be forced to dc,
effectively powering down the digital section. The REFCLK
input will still be seen by the PLL and the PLL will continue to
output the higher frequency.
REFCLK Multiplier PLL Functions
Seven control register bits, located in the Control Register
[22:16] positions, relate to the PLL.
CR[23] is reserved, write to zero.
CR[22] is the PLL range bit. The PLL range bit controls the
VCO gain. The power-up state of the PLL range bit is Logic 1,
higher gain for frequencies above 200 MHz.
CR[21] is the bypass PLL bit, active high. When active, the PLL is
powered down and the REFCLK input is used to drive the system
clock signal. The power-up state of the bypass PLL bit is Logic 1,
PLL bypassed.
CR[20:16] bits are the PLL multiplier factor. These bits are the
REFCLK multiplication factor unless the bypass PLL bit is set.
The PLL multiplier valid range is from 4 to 20, inclusive.
Other Operational Functions
CR[15] is the clear accumulator 1 bit. This bit has a one-shot
type function. When written active, Logic 1, a clear accumulator
1 signal is sent to the DDS logic, resetting the accumulator value to
zero. The bit is then automatically reset, but the buffer memory
is not reset. This bit allows the user to easily create a sawtooth
frequency sweep pattern with very little (or no) user input
required. This bit is intended for chirp mode only, but there is
no logic to suppress its functionality in other modes.
CR[14] is the clear accumulator bit. This bit, active high, holds
both the accumulator 1 and accumulator 2 values at zero for as
long as the bit is active. This allows the DDS phase to be initial-
ized via the I/O port.
CR[13] is the triangle bit. When this bit is set, the AD9852 will
automatically perform a continuous frequency sweep from the
Frequency 1 to Frequency 2 and back. The effect is a triangular
frequency sweep. When this bit is set, the operating mode must
be set to ramped FSK.
CR[11:9] are the three bits that describe the five operating modes
of the AD9852:
0h = Single-Tone Mode
1h = FSK Mode
2h = Ramped FSK mode
3h = Chirp Mode
4h = PSK Mode
CR[8] is the internal update active bit. When this bit is set to
Logic 1, the I/O UD pin is an output and the AD9852 generates
the I/O UD signal. When Logic 0, external I/O UD functionality
is performed, the I/O UD pin is configured as an input.
CR[7] reserved, write to zero.
CR[6] is the bypass of the inverse sinc filter bit. When set, the
data from the DDS block goes directly to the shaped keying
logic and the clock to the inverse sinc filter is stopped. Default
is clear, filter enabled.
CR[5] is the shaped keying enable bit. When set the output
ramping function is enabled and is performed in accordance with
the CR[4] bit requirements.
CR[4] is the internal/external shaped keying control bit. When set
Logic 1, the shaped keying factor will be internally generated and
applied to the I path. When clear, the shaped keying function is
externally controlled by the user and the shaped keying factor is
the I output shaped keying register values. The two registers
that are the ramp factors also default low such that the output is
off at power-up and until the device is programmed by the user.
CR[3:2] reserved, write to zero.
CR[1] is the serial port MSB/LSB first bit. Defaults low, MSB
first.
CR[0] is the serial port SDO active bit. Defaults low, inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com