Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 5 Page - Analog Devices

  ADM1028 Datasheet HTML 1Page - Analog Devices ADM1028 Datasheet HTML 2Page - Analog Devices ADM1028 Datasheet HTML 3Page - Analog Devices ADM1028 Datasheet HTML 4Page - Analog Devices ADM1028 Datasheet HTML 5Page - Analog Devices ADM1028 Datasheet HTML 6Page - Analog Devices ADM1028 Datasheet HTML 7Page - Analog Devices ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
–5–
Typical Performance Characteristics–ADM1028
LEAKAGE RESISTANCE – M
30
1
20
10
0
–20
10
100
–30
–10
D+ TO VDD
D+ TO GND
TPC 1. Temperature Error vs. PC Board Track Resistance
(D+ to VDD)
FREQUENCY – Hz
14
1
12
10
8
6
4
0
10
100k
1000M
2
10k
100M
1k
10M
100
1M
VIN = 250mV p-p
VIN = 100mV p-p
TPC 2. Temperature Error vs. Power Supply
Noise Frequency
FREQUENCY – Hz
14
7
0
1
10
100
1k
10k
100k
1M
10M
100M
1G
1
2
3
4
5
6
8
9
10
11
12
13
VIN = 25mV p-p
VIN = 50mV p-p
VIN = 100mV p-p
TPC 3. Temperature Error vs. Common-Mode
Noise Frequency
TEMPERATURE – C
4
–3
0
10
2030
40
50
6070
8090
–5
–4
–2
–1
0
1
2
3
100
LOWER SPEC LEVEL
UPPER SPEC LEVEL
TPC 4. Temperature Error of ADM1028 vs. Pentium® III
Temperature
CAPACITANCE – nF
40
5
0
1020
30
4050
60
70
–5
0
10
15
20
25
30
35
TPC 5. Temperature Error vs. Capacitance Between
D+ and D–
SCLK FREQUENCY – kHz
1.77
1
5
10
25
50
75
100
1.67
1.72
1.82
1.87
1.92
1.97
2.02
250
500
750
1000
VDD = 5V
VDD = 3.3V
TPC 6. Standby Current vs. Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com