Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices ADM1028 Datasheet HTML 10Page - Analog Devices ADM1028 Datasheet HTML 11Page - Analog Devices ADM1028 Datasheet HTML 12Page - Analog Devices ADM1028 Datasheet HTML 13Page - Analog Devices ADM1028 Datasheet HTML 14Page - Analog Devices ADM1028 Datasheet HTML 15Page - Analog Devices ADM1028 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
ADM1028
–13–
Table III. ADM1028 Registers
Register Name
Address A7–A0 in Hex
Comments
Value Registers
0x14–0x38
See Table IV
Company ID
0x3E
This location will contain the company identification number. This
register is read only.
Revision
0x3F
This location will contain the revision number of the part in the
lower four bits of the register [3:0]. The upper four bits reflect the
ADM1028 Version Number [7:4]. The first version is 1101. The
next version of ADM1028 would be 1110, etc. For instance, if the
stepping were A0 and this part is an ADM1028, this register would
read 1101 0000. This register is read only.
Configuration Register
0x40
See Table V. Power-on value = 0010 0001.
Interrupt Status Register
0x41
See Table VI. Power-on value = 0000 0000.
Interrupt Mask Register
0x43
See Table VII. Power-on value = 0000 0000.
Manufacturer Test
0x44–0x4A
Test Registers for manufacturer’s use only. Do not write to these
registers.
Remote Function
0x4B
See Table VIII. Power-on value = 0000 0000.
Alert Status
0x4C
See Table IX. Power-on value = 0000 0000.
Fan Speed Ramp Register
0xCO
See Table X. Power-on value = 0000 0000.
Table IV. Registers 0x13–0x3A Value Registers
Address
Read/Write
Description
0x13
Read/Write
Programmable Internal Therm Automatic Trip Point—Default 127
°C. This register can only be
written to if the write once bit in the Configuration Register (0x40, Bit 3) has not been set.
0x14
Read/Write
Programmable Remote Thermal Diode Automatic Trip Point—Default 100
°C. This register
can only be written to if the write once bit in the Configuration Register (0x40, Bit 3) has
not been set.
0x15
Read/Write
Test register for manufacturer’s use only. Do not write to this register.
0x17
Read Only
Default Internal Therm Automatic Trip Point—Default 70
°C. Cannot be changed. Disabled
when Bit 3 of Configuration Register is set.
0x18
Read Only
Default Remote Thermal Diode Automatic Trip Point—Default 100
°C. Cannot be changed.
Disabled when Bit 3 of Configuration Register is set.
0x19
Read/Write
Analog Output, FAN_SPD (Defaults to 0x00h).
0x26
Read Only
External/Remote Temperature Value.
0x27
Read Only
Internal Temperature Value.
0x37
Read/Write
External/Remote Temperature High Limit—Default +127
°C.
0x38
Read/Write
External/Remote Temperature Low Limit—Default –128
°C.
0x39
Read/Write
Internal Temperature High Limit—Default +127
°C.
0x3A
Read/Write
Internal Temperature Low Limit—Default –128
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com