Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1028 Datasheet HTML 2Page - Analog Devices ADM1028 Datasheet HTML 3Page - Analog Devices ADM1028 Datasheet HTML 4Page - Analog Devices ADM1028 Datasheet HTML 5Page - Analog Devices ADM1028 Datasheet HTML 6Page - Analog Devices ADM1028 Datasheet HTML 7Page - Analog Devices ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices ADM1028 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
ADM1028
–6–
FREQUENCY – Hz
2
1
1
0
1k
1M
10
100
10k
100k
10M
100M
1B
VIN = 10mV p-p
TPC 7. Temperature Error vs. Differential-Mode
Noise Frequency
TEMPERATURE – C
2.3
1.7
–40
1.5
1.6
1.8
1.9
2.0
2.1
2.2
–20
0
20
40
60
80
100
130
–10
–30
10
30
50
70
90
120
VDD = 5.5V
VDD = 3.0V
VDD = 3.3V
TPC 8. Standby Supply Current vs. Temperature
FUNCTIONAL DESCRIPTION
The ADM1028 is a low-cost temperature monitor and fan con-
troller for microprocessor-based systems. The temperature of
a remote sensor diode may be measured, allowing monitoring
of processor temperature in a single-processor system. An on-
chip temperature sensor allows monitoring of system ambient
temperature.
Measured values can be read out via the serial System Manage-
ment Bus, and values for limit comparisons can be programmed
in over the same serial bus.
The ADM1028 also contains a DAC for fan speed control. An
automatic hardware temperature trip point is provided for fault
tolerant fan control and the fan will be driven to full speed if this
is exceeded. Two interrupt outputs are provided, which will be
asserted if the software or hardware limits are exceeded.
Finally, the chip has remote reset and shutdown capabilities.
INTERNAL REGISTERS OF THE ADM1028
A brief description of the ADM1028’s principal internal registers
is given below. More detailed information on the function of
each register is given in Tables III to IX.
Configuration Register: Provides control and configuration.
Address Pointer Register: This register contains the address
that selects one of the other internal registers. When writing to
the ADM1028, the first byte of data is always a register address,
which is written to the Address Pointer Register.
Interrupt (
INT) Status Register: This register provides sta-
tus of each Interrupt event.
Interrupt (
INT) Mask Register: Allows masking of individual
interrupt sources.
Value and Limit Registers: The results of temperature mea-
surements are stored in these registers, along with their limit values.
Analog Output Register: The code controlling the analog
output DAC is stored in this register.
Alert Status Register: Indicates the status of the
THERM
signal and GPI pin.
Remote Function Register: This register allows control of the
R_RST and R_OFF outputs.
Fan Speed Ramp Register: This register allows enabling/
disabling of DAC ramp, as well as providing control of fan
speed ramp rate.
SERIAL BUS INTERFACE
Control of the ADM1028 is carried out via the serial bus. The
ADM1028 is connected to this bus as a slave device, under the
control of a master device, e.g. the 810 chipset.
The ADM1028 has a 7-bit serial bus address. When the device
powers up, it will do so with a default serial bus address. The
SMBus address for the ADM1028 is 0101110 binary.
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a START
condition, defined as a high-to-low transition on the serial
data line SDA, while the serial clock line SCL remains high.
This indicates that an address/data stream will follow. All
slave peripherals connected to the serial bus respond to the
START condition, and shift in the next eight bits, consisting
of a 7-bit address (MSB first) plus an R/
W bit, which deter-
mines the direction of the data transfer, i.e., whether data
will be written to or read from the slave device.
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the Acknowl-
edge Bit. All other devices on the bus now remain idle while
the selected device waits for data to be read from or written
to it. If the R/
W bit is a 0, the master will write to the slave
device. If the R/
W bit is a 1, the master will read from the
slave device.
2. Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an Acknowledge Bit
from the slave device. Transitions on the data line must occur
during the low period of the clock signal and remain stable
during the high period, as a low-to-high transition when the
clock is high may be interpreted as a STOP signal. The num-
ber of data bytes that can be transmitted over the serial bus
in a single READ or WRITE operation is limited only by
what the master and slave devices can handle.
3. When all data bytes have been read or written, stop condi-
tions are established. In WRITE mode, the master will pull
the data line high during the tenth clock pulse to assert a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com