Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices ADM1028 Datasheet HTML 10Page - Analog Devices ADM1028 Datasheet HTML 11Page - Analog Devices ADM1028 Datasheet HTML 12Page - Analog Devices ADM1028 Datasheet HTML 13Page - Analog Devices ADM1028 Datasheet HTML 14Page - Analog Devices ADM1028 Datasheet HTML 15Page - Analog Devices ADM1028 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. A
–16–
ADM1028
Table X. Register 0xCO Fan Speed Ramp Register. Power-On Default <7:0> = 00h
Bit
Name
Read/Write
Description
0
Fan Speed Ramp
Read/Write
Setting this bit to a “1” will enable the fan speed ramping mechanism.
Enable
When this bit is a 1, writing to the Fan Speed Register will set the new
target fan speed; the input to the DAC will then count, up or down as
appropriate, to the new fan speed value at the rate specified in bits [1:2]
of this register. Clearing this bit to “0” will disable the fan speed ramp-
ing mechanism and will cause data written to the Fan Speed Register to
be immediately reflected to the DAC. The DAC input may or may not
continue ramping if this bit is changed from a “1” to a “0” while the fan
speed is currently ramping.
<2:1>
Ramp Rate
Read/Write
Fan Speed Ramp Rate. The speed at which the fan speed ramp counter
increments/decrements is selected as follows:
Bits <2:1>
Count Rate
Counter Frequency
00
1.0s
1 Hz
01
0.25s
4 Hz
10
0.125s
8 Hz
11
0.0625s
16 Hz
<7:3>
Reserved
Read/Write
Reserved (Default = 0)
16-Lead Shrink Small Outline Package (QSOP)
(RQ-16)
16
9
8
1
0.197 (5.00)
0.189 (4.80)
0.244 (6.20)
0.228 (5.79)
PIN 1
0.157 (3.99)
0.150 (3.81)
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025
(0.64)
BSC
0.059 (1.50)
MAX
0.069 (1.75)
0.053 (1.35)
0.010 (0.20)
0.007 (0.18)
0.050 (1.27)
0.016 (0.41)
8
0
REF: JEDEC 0.150" SSOP – DRAWING NUMBER MO-137
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Revision History
Location
Page
Data Sheet changed from REV. 0 to REV. A.
Edits to FUNCTIONAL BLOCK DIAGRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Edits to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Added Fan Speed Ramp Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Edits to Table III . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Added Table X . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com