Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1028 Datasheet HTML 6Page - Analog Devices ADM1028 Datasheet HTML 7Page - Analog Devices ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices ADM1028 Datasheet HTML 10Page - Analog Devices ADM1028 Datasheet HTML 11Page - Analog Devices ADM1028 Datasheet HTML 12Page - Analog Devices ADM1028 Datasheet HTML 13Page - Analog Devices ADM1028 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
ADM1028
–10–
to the Fan Speed Register, the counter begins counting up or
down (depending on whether the current value is greater or
less than the target value). The counter will then count at the
rate specified by the ramp rate bits of the Fan Speed Ramp
Register. Once the counter reaches the target value the counter
will stop counting. The FAN_SPD value is derived from the
output of the counter. If a new value is written to the Fan Speed
Register while a ramp function is occurring, the counter may
change count direction to reach the new target value. The operation of
THERM is independent of the fan speed ramping mechanism.
Thus,
THERM will assert immediately for over-temperature
conditions.
FAN SPEED RAMP
RATE REGISTER
COUNTER
(CURRENT SPEED)
DAC
COMPARE
FAN SPEED
REGISTER
RAMP ENABLE
RAMP RATE
UP/DOWN
START/STOP
FAN SPD
Figure 6.
THE ADM1028 INTERRUPT SYSTEM
The ADM1028 has three interrupt outputs,
INT, THERMA
and
THERMB. These have different functions. INT responds
to violations of software programmed temperature limits and its
interrupt sources are maskable, as described in more detail later.
Interrupts and status bits are only set if a limit is exceeded for at
least three consecutive conversions.
Operation of the
INT output is illustrated in Figure 7. Assum-
ing that the temperature starts off within the programmed limits
and that temperature interrupt sources are not masked,
INT will
go low if the temperature measured by the external sensor goes
outside the programmed high or low temperature limit for the
sensor.
INT also goes low whenever THERM is low.
100 C
90 C
80 C
70 C
60 C
50 C
40 C
INT
TEMP
LOW LIMIT
HIGH LIMIT
THIGH INTERRUPT
LOGIC REARMED
HERE
*
INT CLEARED BY
SOFTWARE
**
Figure 7. Operation of
INT Output
Once the interrupt has been cleared, it will not be reasserted even if
the temperature remains outside the limit previously exceeded.
However,
INT will be rearmed if the temperature falls back within
the set limits for three consecutive conversions. Once the
INT
function has been rearmed, it will then be reasserted once a
limit is exceeded for three consecutive conversions.
FAULT TOLERANT FAN CONTROL
The ADM1028 incorporates a fault tolerant fan control capability
that is tied to operation of the
THERMA, THERMB outputs. It
can override the setting of the analog output and force it to
maximum to give full fan speed in the event of a critical over-
temperature problem, even if, for some reason, this has not been
handled by the system software.
There are two temperature set point registers that will activate
the fault tolerant fan control. One of these limits is program-
mable by the user and one is a hardware (read-only) register
that will operate if the user does not program any limit. The
fault tolerant fan control is activated if a limit is exceeded for
three or more consecutive readings. These limits are separate
from the normal high and low temperature limits for the
INT
output, which do not affect the fault tolerant fan control or
THERM outputs.
A hardware limit of 100
°C is programmed into the register at
address 18h, for the remote diode Default
THERM limit. This
is the default limit and the analog output will be forced to full-
scale if the remote sensor reads more than 100
°C. This makes
the fault tolerant fan control fail-safe in that it will operate at
this temperature even if the user has programmed no other
limit, or in the event of a software malfunction. Similarly, the
Default Internal Temp
THERM limit held in register 17h,
forces the analog output full-scale if the ambient temperature
measured is more than 70
°C.
The user may override the default limits by programming a new
limit into register 14h for the remote sensor and a new limit into
register 13h for the internal sensor. The default value in register
14h is the same as for the read-only register (100
°C), but it may
be programmed with higher or lower values.
Once registers 13h and 14h have been programmed, or if the
defaults are acceptable, Bit 3 of the configuration register must
be set to “1.” This bit is a write-once bit that can only be writ-
ten to “1,” and it has two effects:
1. It makes the values in registers 13h and 14h the active limits,
and disables read-only registers 17h and 18h.
2. It locks the data into registers 13h and 14h, so that it cannot
be changed until the lock bit is reset, either when
AUXRST
or
RST is asserted, or a Power-On Reset occurs.
Once the hardware override of the analog output is triggered, it
will only return to normal operation after three consecutive
measurements that are 5 degrees lower than the set limit.
Whenever FAN_SPD output is forced to full-scale, the
FAN_OFF
output is negated.
FAN SPEED RAMPING
The ADM1028 device contains a Fan Speed Ramping mechanism
that is accomplished using an 8-bit counter and a control
register. On power-up, or an assertion of
RST or AUXRST, the
Fan Speed Register, counter, and Fan Speed Ramp Register are
initialized to 0x00. The fan speed ramping mechanism is disabled
by default and any value written to the Fan Speed Register is
immediately reflected on the FAN_SPD output. Setting Bit 0 of
the Fan Speed Ramp Rate Register enables the ramping mecha-
nism. The counter is then preloaded with the current value
contained in the Fan Speed Register, which prevents the fan
speed from changing until a new value is written to the Fan
Speed Register. When a new target Fan Speed Value is written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com