Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 2 Page - Analog Devices

  ADM1028 Datasheet HTML 1Page - Analog Devices ADM1028 Datasheet HTML 2Page - Analog Devices ADM1028 Datasheet HTML 3Page - Analog Devices ADM1028 Datasheet HTML 4Page - Analog Devices ADM1028 Datasheet HTML 5Page - Analog Devices ADM1028 Datasheet HTML 6Page - Analog Devices ADM1028 Datasheet HTML 7Page - Analog Devices ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
ADM1028–SPECIFICATIONS1, 2 (T
A = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions
POWER SUPPLY
Supply Voltage, VCC
3.0
3.30
5.5
V
Supply Current, ICC
2
3.2
mA
Interface Inactive, ADC Active
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
±3
°C
±2
°C60°C ≤ TA ≤ 100°C
Resolution
1
°C
External Diode Sensor Accuracy
±5
°C
±3
°C60°C ≤ TA ≤ 100°C
Resolution
1
°C
Remote Sensor Source Current
120
µA
High Level (D+ = D– + 0.65 V)
7
µA
Low Level (D+ = D– + 0.65 V)
ANALOG OUTPUT
Output Voltage Range
0
2.5
V
Total Unadjusted Error, TUE
±3%
IL = 2 mA
Full-Scale Error
±1
±3%
Zero Error
±2
LSB
No Load
Differential Nonlinearity, DNL
±1
LSB
Monotonic by Design
Integral Nonlinearity
±1
LSB
Output Source Current
2
mA
Output Sink Current
1
mA
THERMA OUTPUT
THERMA Pull-Up Resistance
9
12
14
k
Ω
DIGITAL OUTPUT
THERMA/NTEST_OUT,
R_OFF
Output High Voltage, VOH
2.4
V
IOUT = 3.0 mA
Output Low Voltage, VOL
0.4
V
OPEN-DRAIN DIGITAL OUTPUTS
(INT,
THERMB, FAN_OFF, R_RST)
Output Low Voltage, VOL
0.4
V
IOUT = –3.0 mA
High Level Output Leakage Current, IOH
0.1
1
µAVOUT = VCC3
FAN SPEED RAMP RATES
Counter Frequency
1
± 50%
16
± 50%
Hz
OPEN-DRAIN SERIAL DATA
BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –3.0 mA
High Level Output Leakage Current, IOH
0.1
1
µAVOUT = VCC
SERIAL BUS DIGITAL INPUTS
(SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Input Leakage Current
±5
µA
Hysteresis
500
mV
Note 4
DIGITAL INPUT LOGIC LEVELS
(FAN_SPD/TEST_IN, GPI)
Input High Voltage, VIH
2.2
V
Input Low Voltage, VIL
0.8
V
DIGITAL INPUT LEAKAGE CURRENT
(ALL DIGITAL INPUTS)
Input High Current, IIH
–1
–0.005
µAV
IN = VCC
Input Low Current, IIL
+0.005
+1
µAVIN = 0
Input Capacitance, CIN
3
6
9
pF
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com