Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 3 Page - Analog Devices

  ADM1028 Datasheet HTML 1Page - Analog Devices ADM1028 Datasheet HTML 2Page - Analog Devices ADM1028 Datasheet HTML 3Page - Analog Devices ADM1028 Datasheet HTML 4Page - Analog Devices ADM1028 Datasheet HTML 5Page - Analog Devices ADM1028 Datasheet HTML 6Page - Analog Devices ADM1028 Datasheet HTML 7Page - Analog Devices ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
ADM1028
Parameter
Min
Typ
Max
Unit
Test Conditions
SERIAL BUS TIMING
4
Clock Frequency, fSCLK
100
kHz
See Figure 1
Bus Free Time, tBUF
4.7
µs
See Figure 1
Start Setup Time, tSU;STA
4.7
µs
See Figure 1
Start Hold Time, tHD;STA
4.0
µs
See Figure 1
Stop Condition Setup Time, tSU;STO
4.0
µs
See Figure 1
SCL Low Time, tLOW
4.7
µs
See Figure 1
SCL High Time, tHIGH
4.0
µs
See Figure 1
SCL, SDA Rise Time, tr
1000
ns
See Figure 1
SCL, SDA Fall Time, tf
300
ns
See Figure 1
Data Setup Time, tSU;DAT
250
ns
See Figure 1
Data Hold Time, tHD;DAT
300
ns
See Figure 1
NOTES
1Typicals are at T
A = 25
°C and represent most likely parametric norm. Standby current typ is measured with V
CC = 3.3 V.
2Timing specifications are tested at logic levels of V
IL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge.
3I
OH for FAN_OFF guaranteed by design, not production tested.
4Guaranteed by design, not production tested.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . 6.5 V
Voltage on Digital Inputs Except Therm
and D– . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.5 V
Voltage on Therm Pin . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Voltage on D– Pin . . . . . . . . . . . . . . . . . . . . –0.3 V to + 0.6 V
Voltage on Any Other Input . . . . . . . . . . –0.3 V to VCC + 0.3 V
or Output Pin
Input Current at Any Pin . . . . . . . . . . . . . . . . . . . . . . .
±5 mA
Package Input Current . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperatures
Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
IR Reflow Peak Temperature . . . . . . . . . . . . . . . . . . . 220
°C
ESD Rating (Human Body Model) . . . . . . . . . . . . . . . 4000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional. Operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
16-Lead QSOP Package:
θJA = 105°C/W, θJC = 39°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1028ARQ 0
°C to 100°C
Shrink Small Outline RQ-16
Package (QSOP)
P
S
tSU; DAT
tHIGH
tF
tHD; DAT
tR
tLOW
tSU; STO
PS
SCL
SDA
tBUF
tHD; STA
tHD; STA
tSU; STA
Figure 1. Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com