Electronic Components Datasheet Search
  English  ▼

X  

ADM1028 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices ADM1028 Datasheet HTML 10Page - Analog Devices ADM1028 Datasheet HTML 11Page - Analog Devices ADM1028 Datasheet HTML 12Page - Analog Devices ADM1028 Datasheet HTML 13Page - Analog Devices ADM1028 Datasheet HTML 14Page - Analog Devices ADM1028 Datasheet HTML 15Page - Analog Devices ADM1028 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
ADM1028
–12–
NAND TREE TEST
A NAND tree is provided in the ADM1028 for Automated Test
Equipment (ATE) board level connectivity testing. The device
is placed into NAND tree test mode by powering up with pin
FAN_SPD/NTEST_IN (Pin 8) held high. This pin is sampled
and its state at power-up is latched. If it is connected high, then
the NAND tree test mode is invoked. NAND tree test mode will
only be exited once the ADM1028 is powered down.
In NAND tree test mode, all digital inputs may be tested as
illustrated in Table II.
THERMA/NTEST_OUT will become
the NAND tree output pin.
The structure of the NAND Tree is shown in Figure 10. To per-
form a NAND Tree test, all pins are initially driven low. The
test vectors set all inputs low then, one-by-one, toggles them
high (keeping them high). Exercising the test circuit with this
“walking one” pattern, starting with the input closest to the
output of the tree, cycling toward the farthest, causes the out-
put of the tree to toggle with each input change. Allow for a
typical propagation delay of 500 ns.
LATCH
DQ
CLK
POWER-ON
RESET
ENABLE
RST
AUXRST
GPI
SDA
THERMA/
NTEST_OUT
FAN_SPD/
NTEST_IN
SCL
Figure 10. NAND Tree
CONFIGURING THE INTERRUPT
On power-up, the Interrupt functionality of the device is disabled.
The Configuration Register (0x40) must be written to, in order
to enable the interrupt output. The
INT_Enable bit (Bit 1) of
the Register should be set to 1.
Table II. Test Vectors
RST
AUXRST
GPI
SDA
SCL
THERMA
00
0
0
0
1
00
0
0
1
0
00
0
1
1
1
00
1
1
1
0
01
1
1
1
1
11
1
1
1
0
GENERAL-PURPOSE LOGIC INPUT (GPI)
Pin 2 is used as a general-purpose logic input with 12 V toler-
ance. The GPI input may be programmed to be active high or
active low by clearing or setting Bit 6 of the Configuration Reg-
ister. The default value is active high. Bit 4 of the Interrupt Status
register follows the state (or inverted state) of GPI and will gen-
erate an interrupt when it is set to 1, like any other input to the
Interrupt Status Register. However, the GPI bit is not latched
in the Status Register and always reflects the current state (or
inverted state) of the GPI input. If it is 1, it will not be cleared
by reading the Status Register.
POWER-ON RESET
When the ADM1028 is powered up, it will initiate a power-on
reset sequence when the supply voltage VCC3AUX rises above
the power-on reset threshold, with registers being reset to their
power-on values. Normal operation will begin when the supply
voltage rises above the reset threshold. Registers whose power-
on values are not shown have power-on conditions that are
indeterminate (this includes the Value and Limit Registers). In
most applications, usually the first action after power-on would
be to write limits into the Limit Registers.
Power-on reset clears or initializes the following registers (the
initialized values are shown in Table III):
• Configuration Register
• Interrupt Status Register
• Interrupt Mask Register
• Analog Output Register
• Programmable Trip Point Registers
The ADM1028 can also be reset by taking
AUXRST low as an
input. All registers will be reset to their default values and the
ADC will remain inactive as long as
AUXRST is below the
reset threshold. Taking the
RST pin low will cause the following
registers to be reset.
• Bit 3 of the Configuration Register (Programmable THERM
Limit Lock Bit)
• DAC Output, Fan Speed
INITIALIZATION (SOFT RESET)
Soft reset performs a similar, but not identical, function to
power-on reset. It restores the power-on default values to the
Configuration Register, the Interrupt Status Register and the
Interrupt Mask Register. The Limit Registers remain unchanged.
It rearms the
INT structure but not the THERM structure.
Soft reset is accomplished by setting Bit 4 of the Configuration
Register high. This bit automatically clears after being set.
Unlike clearing
INT, where the temperature must fall back within
the set limits for three conversions before the
INT function is
rearmed, the soft reset allows
INT to be pulled low immediately
after the soft reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com