Electronic Components Datasheet Search
  English  ▼

X  

ADP3050 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3050
Description  200 kHz, 1 A High-Voltage Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050 Datasheet(HTML) 5 Page - Analog Devices

  ADP3050 Datasheet HTML 1Page - Analog Devices ADP3050 Datasheet HTML 2Page - Analog Devices ADP3050 Datasheet HTML 3Page - Analog Devices ADP3050 Datasheet HTML 4Page - Analog Devices ADP3050 Datasheet HTML 5Page - Analog Devices ADP3050 Datasheet HTML 6Page - Analog Devices ADP3050 Datasheet HTML 7Page - Analog Devices ADP3050 Datasheet HTML 8Page - Analog Devices ADP3050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP3050
–5–
REV. 0
VIN = 12V
OUTPUT CURRENT – mA
100
90
0
01k
200
400
600
800
60
30
20
10
80
70
40
50
L = 33 H
CIN = 22 F
COUT = 100 F
VIN = 5V
VIN = 18V
VIN = 24V
VIN = 30V
Figure 7. 3.3 V Output Efficiency
TEMPERATURE – C
0.5
45
85
35
25
15
5
5
15
25
35455565
75
0.4
0
0.5
0.4
0.2
0.3
0.1
0.1
0.2
0.3
VIN = 10V
ILOAD = 1A
Figure 8. Output Voltage Change vs. Temperature
INPUT VOLTAGE – V
0.6
0.6
0
10
20
30
0.4
0.2
0.0
0.4
0.2
ILOAD = 1A
ILOAD = 100mA
VOUT = 5V
Figure 9. 5 V Output Voltage Change vs. Input Voltage
INPUT VOLTAGE – V
0
10
20
30
0.6
0.2
0.4
0
0.6
0.4
0.2
VOUT = 3.3V
ILOAD = 1A
ILOAD = 100mA
Figure 10. 3.3 V Output Voltage Change vs. Input Voltage
LOAD CURRENT – A
8
5
2
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
7
6
4
3
VOUT = 3.3V
VOUT = 5V
Figure 11. Minimum Input Voltage vs. Load Current
LOAD CURRENT – A
01.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
VIN = 10V
Figure 12. Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com